Electronic Components Datasheet Search
  English  ▼

X  

CC8520 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CC8520
Description  2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING CC8520 - PurePath??Wireless
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC8520 Datasheet(HTML) 3 Page - Texas Instruments

  CC8520 Datasheet HTML 1Page - Texas Instruments CC8520 Datasheet HTML 2Page - Texas Instruments CC8520 Datasheet HTML 3Page - Texas Instruments CC8520 Datasheet HTML 4Page - Texas Instruments CC8520 Datasheet HTML 5Page - Texas Instruments CC8520 Datasheet HTML 6Page - Texas Instruments CC8520 Datasheet HTML 7Page - Texas Instruments CC8520 Datasheet HTML 8Page - Texas Instruments CC8520 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
CC8520
WWW.TI.COM
SWRS091A – MARCH 2010
3
Copyright
© 2010, Texas Instruments Incorporated
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
ABSOLUTE MAXIMUM RATINGS
(1)
PARAMETER
TEST CONDITIONS
Min
Max
Unit
Supply voltage
All supply pins must have the same voltage
–0.3
3.9
V
Voltage on any digital pin
–0.3
min(VDD +
0.3, 3.9)
V
Input RF level
10
dBm
Storage temperature range
-40
85
°C
Reflow soldering temperature
According to IPC/JEDEC J-STD-020
260
°C
All pads, according to human-body model
(HBM), JEDEC STD 22, method A114
2000
V
ESD
(2)
According to charged-device model (CDM),
JEDEC STD 22, method C101E
400
V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
CAUTION: ESD sensitive device. Precaution should be used when handing the device in order to prevent permanent damage.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
TEST CONDITIONS
Min
Max
Unit
Operating ambient temperature range, TA
-40
+85
°C
Operating supply voltage
2.0
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com