Electronic Components Datasheet Search
  English  ▼

X  

BCM856DS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BCM856DS
Description  PNP/PNP matched double transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCM856DS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BCM856DS Datasheet HTML 3Page - NXP Semiconductors BCM856DS Datasheet HTML 4Page - NXP Semiconductors BCM856DS Datasheet HTML 5Page - NXP Semiconductors BCM856DS Datasheet HTML 6Page - NXP Semiconductors BCM856DS Datasheet HTML 7Page - NXP Semiconductors BCM856DS Datasheet HTML 8Page - NXP Semiconductors BCM856DS Datasheet HTML 9Page - NXP Semiconductors BCM856DS Datasheet HTML 10Page - NXP Semiconductors BCM856DS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
BCM856BS_BCM856DS_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 7 August 2008
7 of 14
NXP Semiconductors
BCM856BS; BCM856DS
PNP/PNP matched double transistors
VCE = −5 V; Tamb =25 °CVCE = −5 V; Tamb =25 °C
Fig 5.
Base-emitter voltage as a function of collector
current; typical values
Fig 6.
Transition frequency as a function of collector
current; typical values
f = 1 MHz; Tamb =25 °C
f = 1 MHz; Tamb =25 °C
Fig 7.
Collector capacitance as a function of
collector-base voltage; typical values
Fig 8.
Emitter capacitance as a function of
emitter-base voltage; typical values
006aaa544
−0.6
−0.8
−1
VBE
(V)
−0.4
IC (mA)
−10−1
−103
−102
−1
−10
IC (mA)
−1
−102
−10
006aaa545
102
103
fT
(MHz)
10
VCB (V)
0
−10
−8
−4
−6
−2
006aaa546
4
2
6
8
Cc
(pF)
0
006aaa547
VEB (V)
0
−6
−4
−2
9
11
7
13
15
Ce
(pF)
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com