Electronic Components Datasheet Search
  English  ▼

X  

BCV27 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BCV27
Description  NPN Darlington transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCV27 Datasheet(HTML) 2 Page - NXP Semiconductors

  BCV27 Datasheet HTML 1Page - NXP Semiconductors BCV27 Datasheet HTML 2Page - NXP Semiconductors BCV27 Datasheet HTML 3Page - NXP Semiconductors BCV27 Datasheet HTML 4Page - NXP Semiconductors BCV27 Datasheet HTML 5Page - NXP Semiconductors BCV27 Datasheet HTML 6Page - NXP Semiconductors BCV27 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2004 Jan 13
2
NXP Semiconductors
Product data sheet
NPN Darlington transistors
BCV27; BCV47
FEATURES
• Medium current (max. 500 mA)
• Low voltage (max. 60 V)
• High DC current gain (min. 20000).
APPLICATIONS
• Preamplifier input applications.
DESCRIPTION
NPN Darlington transistor in a SOT23 plastic package.
PNP complements: BCV26 and BCV46.
MARKING
Note
1.
* = p : Made in Hong Kong.
* = t : Made in Malaysia.
* = W : Made in China.
PINNING
TYPE NUMBER
MARKING CODE(1)
BCV27
FF*
BCV47
FG*
PIN
DESCRIPTION
1
base
2
emitter
3
collector
Fig.1 Simplified outline (SOT23) and symbol.
handbook, halfpage
MAM298
13
2
1
3
2
TR2
TR1
Top view
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BCV27
−
plastic surface mounted package; 3 leads
SOT23
BCV47



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com