Electronic Components Datasheet Search
  English  ▼

X  

BCV48 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BCV48
Description  PNP Darlington transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCV48 Datasheet(HTML) 4 Page - NXP Semiconductors

  BCV48 Datasheet HTML 1Page - NXP Semiconductors BCV48 Datasheet HTML 2Page - NXP Semiconductors BCV48 Datasheet HTML 3Page - NXP Semiconductors BCV48 Datasheet HTML 4Page - NXP Semiconductors BCV48 Datasheet HTML 5Page - NXP Semiconductors BCV48 Datasheet HTML 6Page - NXP Semiconductors BCV48 Datasheet HTML 7Page - NXP Semiconductors BCV48 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2004 Dec 06
4
NXP Semiconductors
Product data sheet
PNP Darlington transistors
BCV28; BCV48
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
BCV28
IE = 0 A; VCB = −30 V
−
−
−100 nA
BCV48
IE = 0 A; VCB = −60 V
−
−
−100 nA
IEBO
emitter-base cut-off current
IC = 0 A; VBE = −10 V
−
−
−100 nA
hFE
DC current gain
IC = −1 mA; VCE = −5 V; see Fig.2
BCV28
4000
−
−
BCV48
2000
−
−
DC current gain
IC = −10 mA; VCE = −5 V; see Fig.2
BCV28
10000
−
−
BCV48
4000
−
−
DC current gain
IC = −100 mA; VCE = −5 V; see Fig.2
BCV28
20000
−
−
BCV48
10000
−
−
DC current gain
IC = −500 mA; VCE = −5 V; see Fig.2
BCV28
4000
−
−
BCV48
2000
−
−
VCEsat
collector-emitter saturation
voltage
IC = −100 mA; IB = −0.1 mA
−
−
−1
V
VBEsat
base-emitter saturation voltage
IC = −100 mA; IB = −0.1 mA
−
−
−1.5
V
VBEon
base-emitter on-state voltage
IC = −10 mA; IB = −5 mA
−
−
−1.4
V
fT
transition frequency
IC = −30 mA; VCE = −5 V;
f = 100 MHz
−
220
−
MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com