Electronic Components Datasheet Search
  English  ▼

X  

BCW70 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BCW70
Description  PNP general purpose transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCW70 Datasheet(HTML) 3 Page - NXP Semiconductors

  BCW70 Datasheet HTML 1Page - NXP Semiconductors BCW70 Datasheet HTML 2Page - NXP Semiconductors BCW70 Datasheet HTML 3Page - NXP Semiconductors BCW70 Datasheet HTML 4Page - NXP Semiconductors BCW70 Datasheet HTML 5Page - NXP Semiconductors BCW70 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2004 Feb 06
3
NXP Semiconductors
Product data sheet
PNP general purpose transistors
BCW69; BCW70
THERMAL CHARACTERISTICS
Note
1.
Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
Note
1.
Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = −20 V
−
−
−100
nA
IE = 0; VCB = −20 V; Tj = 100 °C
−
−
−10
μA
IEBO
emitter cut-off current
IC = 0; VEB = −5 V
−
−
−100
nA
hFE
DC current gain
IC = −10 μA; VCE = −5 V
BCW69
−
90
−
BCW70
−
150
−
DC current gain
IC = −2 mA; VCE = −5 V
BCW69
120
−
260
BCW70
215
−
500
VCEsat
collector-emitter saturation
voltage
IC = −10 mA; IB = −0.5 mA
−
−80
−300
mV
IC = −50 mA; IB = −2.5 mA; note 1 −
−150
−
mV
VBEsat
base-emitter saturation voltage
IC = −10 mA; IB = −0.5 mA
−
−720
−
mV
IC = −50 mA; IB = −2.5 mA; note 1 −
−810
−
mV
VBE
base-emitter voltage
IC = −2 mA; VCE = −5 V
−600
−
−750
mV
Cc
collector capacitance
IE = Ie = 0; VCB = −10 V;
f = 1 MHz
−
4.5
−
pF
fT
transition frequency
IC = −10 mA; VCE = −5 V;
f = 100 MHz
100
−
−
MHz
F
noise figure
IC = −200 μA; VCE = −5 V;
RS = 2 kΩ; f = 1 kHz; B = 200 Hz
−
−
10
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com