Electronic Components Datasheet Search
  English  ▼

X  

BF199 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BF199
Description  NPN medium frequency transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF199 Datasheet(HTML) 2 Page - NXP Semiconductors

  BF199 Datasheet HTML 1Page - NXP Semiconductors BF199 Datasheet HTML 2Page - NXP Semiconductors BF199 Datasheet HTML 3Page - NXP Semiconductors BF199 Datasheet HTML 4Page - NXP Semiconductors BF199 Datasheet HTML 5Page - NXP Semiconductors BF199 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2004 Nov 08
2
NXP Semiconductors
Product data sheet
NPN medium frequency transistor
BF199
FEATURES
• Low current (max. 25 mA)
• Low voltage (max. 25 V).
APPLICATIONS
• Output stage of a vision IF amplifier.
DESCRIPTION
NPN medium frequency transistor in a TO-92; SOT54
plastic package.
PINNING
PIN
DESCRIPTION
1
base
2
emitter
3
collector
Fig.1
Simplified outline (TO-92; SOT54)
and symbol.
handbook, halfpage1
3
2
MAM258
3
1
2
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
−
40
V
VCEO
collector-emitter voltage
open base
−
−
25
V
ICM
peak collector current
−
−
25
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
−
−
500
mW
hFE
DC current gain
VCE = 10 V; IC = 7 mA
38
−
−
fT
transition frequency
VCE = 10 V; IC = 5 mA; f = 100 MHz
−
550
−
MHz
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BF199
SC-43A
plastic single-ended leaded (through hole) package; 3 leads
SOT54



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com