Electronic Components Datasheet Search
  English  ▼

X  

DRV8821 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8821
Description  DUAL STEPPER MOTOR CONTROLLER/DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8821 Datasheet(HTML) 3 Page - Texas Instruments

  DRV8821 Datasheet HTML 1Page - Texas Instruments DRV8821 Datasheet HTML 2Page - Texas Instruments DRV8821 Datasheet HTML 3Page - Texas Instruments DRV8821 Datasheet HTML 4Page - Texas Instruments DRV8821 Datasheet HTML 5Page - Texas Instruments DRV8821 Datasheet HTML 6Page - Texas Instruments DRV8821 Datasheet HTML 7Page - Texas Instruments DRV8821 Datasheet HTML 8Page - Texas Instruments DRV8821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DRV8821
www.ti.com
SLVS912C – JANUARY 2009 – REVISED JANUARY 2010
TERMINAL FUNCTIONS
NAME
NO.
I/O(1)
DESCRIPTION
EXTERNAL COMPONENTS OR CONNECTIONS
POWER AND GROUND
VM
1,2,
Connect all VM pins together to motor supply voltage.
-
Motor supply voltage (multiple pins)
(4 pins)
23, 24
Bypass to GND with several 0.1-mF, 35-V ceramic capacitors.
V3P3
16
-
3.3 V regulator output
Bypass to GND with 0.47-mF, 6.3-V ceramic capacitor.
GND
10-15,
-
Power ground (multiple pins)
Connect all PGND pins to GND and solder to copper heatsink areas.
34-39
CP1
7
IO
Charge pump flying capacitor
Connect a 0.01-mF capacitor between CP1 and CP2
CP2
8
IO
VCP
9
IO
Charge pump storage capacitor
Connect a 0.1-mF, 16 V ceramic capacitor to VM
MOTOR AB
ABSTEP
45
I
Motor AB step input
Rising edge causes the indexer to move one step.
ABDIR
43
I
Motor AB direction input
Level sets the direction of stepping.
ABUSM0
44
I
Motor AB microstep mode 0
USM0 and USM1 set the step mode - full step, half step, quarter
step, or eight microsteps/step.
ABUSM1
41
I
Motor AB microstep mode 1
ABENBLn
42
I
Motor AB enable input
Logic high to disable motor A outputs, logic low to enable.
Active-low reset input initializes the indexer logic and disables the
ABRESETn
40
I
Motor AB reset input
H-bridge outputs for motor A.
ABDECAY
6
I
Motor AB decay mode
Logic low for slow decay mode, high for mixed decay.
Motor AB current set reference
ABVREF
17
I
Sets current trip threshold.
voltage
AOUT1
5
O
Bridge A output 1
Connect to first coil of bipolar stepper motor 1, or DC motor winding.
AOUT2
3
O
Bridge A output 2
AISEN
4
-
Bridge A current sense
Connect to current sense resistor for bridge A.
BOUT1
48
O
Bridge B output 1
Connect to second coil of bipolar stepper motor 1, or DC motor
winding.
BOUT2
46
O
Bridge B output 2
BISEN
45
-
Bridge B current sense
Connect to current sense resistor for bridge B.
MOTOR CD
CDSTEP
33
I
Motor CD step input
Rising edge causes the indexer to move one step.
CDDIR
31
I
Motor CD direction input
Level sets the direction of stepping.
CDUSM0
32
I
Motor CD microstep mode 0
USM0 and USM1 set the step mode - full step, half step, quarter
step, or eight microsteps/step.
CDUSM1
29
I
Motor CD microstep mode 1
CDENBLn
30
I
Motor CD enable input
Logic high to disable motor Boutputs, logic low to enable.
Active-low reset input initializes the indexer logic and disables the
CDRESETn
28
I
Motor CD reset input
H-bridge outputs for motor B.
CDDECAY
19
I
Motor CD decay mode
Logic low for slow decay mode, high for mixed decay.
Motor CD current set reference
CDREF
18
I
Sets current trip threshold.
voltage
COUT1
27
O
Bridge C output 1
Connect to first coil of bipolar stepper motor 2, or DC motor winding.
COUT2
25
O
Bridge C output 2
CISEN
26
-
Bridge C current sense
Connect to current sense resistor for bridge C.
DOUT1
22
O
Bridge D output 1
Connect to second coil of bipolar stepper motor 2, or DC motor
winding.
DOUT2
20
O
Bridge D output 2
DISEN
21
-
Bridge D current sense
Connect to current sense resistor for bridge D.
(1)
Directions: I = input, O = output, OZ = 3-state output, OD = open-drain output, IO = input/output
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): DRV8821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com