Electronic Components Datasheet Search
  English  ▼

X  

ISO7240CFDWG4 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7240CFDWG4
Description  HIGH SPEED QUAD DIGITAL ISOLATORS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7240CFDWG4 Datasheet(HTML) 19 Page - Texas Instruments

Back Button ISO7240CFDWG4 Datasheet HTML 15Page - Texas Instruments ISO7240CFDWG4 Datasheet HTML 16Page - Texas Instruments ISO7240CFDWG4 Datasheet HTML 17Page - Texas Instruments ISO7240CFDWG4 Datasheet HTML 18Page - Texas Instruments ISO7240CFDWG4 Datasheet HTML 19Page - Texas Instruments ISO7240CFDWG4 Datasheet HTML 20Page - Texas Instruments ISO7240CFDWG4 Datasheet HTML 21Page - Texas Instruments ISO7240CFDWG4 Datasheet HTML 22Page - Texas Instruments ISO7240CFDWG4 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
10
100
0
250
500
750
1000
WORKINGVOLTAGE(VIORM)--V
VIORM at560-V
28 Years
880
120
ISO7240CF, ISO7240C, ISO7240M
ISO7241C, ISO7241M
ISO7242C, ISO7242M
www.ti.com
SLLS868L – SEPTEMBER 2007 – REVISED JANUARY 2010
LIFE EXPECTANCY vs. WORKING VOLTAGE
Figure 17. Time-Dependant Dielectric Breakdown Testing Results
REVISION HISTORY
Changes from Original (September 2007) to Revision A
Page
•
Deleted Product Preview note .............................................................................................................................................. 2
•
Changed VCC Supply Voltage in the ROC Table From: 3.6 To: 3.45 ................................................................................... 3
•
Changed VCC Supply Voltage in the ROC Table From: 3 To: 3.15 ...................................................................................... 3
•
Changed TBDs to actual values. .......................................................................................................................................... 4
•
Changed CI - typ value From: 1 To: 2 .................................................................................................................................. 4
•
Changed Propagation delay max From: 22 To: 23 .............................................................................................................. 5
•
Changed CI - typ value From: 1 To: 2 .................................................................................................................................. 6
•
Changed Propagation delay max From: 46 To: 50 .............................................................................................................. 7
•
Changed Propagation delay max From: 28 To: 29 .............................................................................................................. 7
•
Changed ISO724xA/C max value From: 2.5 To: 3 ............................................................................................................... 7
•
Changed CI - typ value From: 1 To: 2 .................................................................................................................................. 8
•
Changed Propagation delay max From: 26 To: 30 .............................................................................................................. 9
•
Changed typ value From: 1 To: 2 ....................................................................................................................................... 10
•
Changed Propagation delay max From: 32 To: 34 ............................................................................................................ 11
•
Changed ISO724xA/C max value From: 3 To: 3.5 ............................................................................................................. 11
•
Changed CIO - typ value From: 1 To: 2 .............................................................................................................................. 14
•
Changed CI - typ value From: 1 To: 2 ................................................................................................................................ 14
•
Changed the REGULATORY INFORMATION Table ......................................................................................................... 15
•
Changed Figure 7, Figure 8, and Figure 10. Added Figure 9. ........................................................................................... 16
Changes from Revision A (December 2007) to Revision B
Page
•
Changed VCC Supply Voltage in the ROC Table From: 3.45 To: 3.6 ................................................................................... 3
Changes from Revision B (August 2008) to Revision C
Page
•
Deleted Min = 4.5 V and max = 5.5 V for Supply Voltage of the ROC Table. ..................................................................... 3
•
Changed VCC Supply Voltage in the ROC Table From: 3.6 To: 5.5 ..................................................................................... 3
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): ISO7240CF ISO7240C ISO7240M ISO7241C ISO7241M ISO7242C ISO7242M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com