Electronic Components Datasheet Search
  English  ▼

X  

ISO7231MDW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7231MDW
Description  HIGH SPEED, TRIPLE DIGITAL ISOLATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7231MDW Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO7231MDW Datasheet HTML 2Page - Texas Instruments ISO7231MDW Datasheet HTML 3Page - Texas Instruments ISO7231MDW Datasheet HTML 4Page - Texas Instruments ISO7231MDW Datasheet HTML 5Page - Texas Instruments ISO7231MDW Datasheet HTML 6Page - Texas Instruments ISO7231MDW Datasheet HTML 7Page - Texas Instruments ISO7231MDW Datasheet HTML 8Page - Texas Instruments ISO7231MDW Datasheet HTML 9Page - Texas Instruments ISO7231MDW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
ISO7230C, ISO7230M
ISO7231C, ISO7231M
SLLS867H – SEPTEMBER 2007 – REVISED DECEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS: VCC1 at 5-V, VCC2 at 3.3-V
(1) OPERATION
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
Quiescent
1
3
ISO7230C/M
VI = VCC or 0 V, All channels, no load, EN2 at 3 V
mA
25 Mbps
7
9.5
ICC1
Quiescent
6.5
11
VI = VCC or 0 V, All channels, no load, EN1 at 3 V,
ISO7231C/M
mA
EN2 at 3 V
25 Mbps
11
17
Quiescent
9
15
ISO7230C/M
VI = VCC or 0 V, All channels, no load, EN2 at 3 V
mA
25 Mbps
10
17
ICC2
Quiescent
8
12
VI = VCC or 0 V, All channels, no load, EN1 at 3 V,
ISO7231C/M
mA
EN2 at 3 V
25 Mbps
10.5
16
ELECTRICAL CHARACTERISTICS
IOFF
Sleep mode output current
EN at 0 V, Single channel
0
μA
ISO7230
VCC – 0.4
IOH = –4 mA, See Figure 1
ISO7231
VCC – 0.8
VOH
High-level output voltage
V
(5-V side)
IOH = –20 μA, See Figure 1
VCC – 0.1
IOL = 4 mA, See Figure 1
0.4
VOL
Low-level output voltage
V
IOL = 20 μA, See Figure 1
0.1
VI(HYS)
Input voltage hysteresis
150
mV
IIH
High-level input current
10
IN from 0 V to VCC
μA
IIL
Low-level input current
–10
CI
Input capacitance to ground
IN at VCC, VI = 0.4 sin (4E6πt)
2
pF
Common-mode transient
CMTI
VI = VCC or 0 V, See Figure 4
25
50
kV/
μs
immunity
(1)
For the 5-V operation, VCC1 or VCC2 is specified from 4.5 V to 5.5 V.
For the 3-V operation, VCC1 or VCC2 is specified from 3.15 V to 3.6 V.
6
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): ISO7230C, ISO7230M ISO7231C, ISO7231M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com