Electronic Components Datasheet Search
  English  ▼

X  

TSP3044 Datasheet(PDF) 11 Page - Analog Devices

Part # TSP3044
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TSP3044 Datasheet(HTML) 11 Page - Analog Devices

Back Button TSP3044 Datasheet HTML 7Page - Analog Devices TSP3044 Datasheet HTML 8Page - Analog Devices TSP3044 Datasheet HTML 9Page - Analog Devices TSP3044 Datasheet HTML 10Page - Analog Devices TSP3044 Datasheet HTML 11Page - Analog Devices TSP3044 Datasheet HTML 12Page - Analog Devices TSP3044 Datasheet HTML 13Page - Analog Devices TSP3044 Datasheet HTML 14Page - Analog Devices TSP3044 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 75 page
background image
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
xi
Preface
Product Overview
The board features:
• Analog Devices ADSP-BF506F Blackfin processor
Core performance up to 400 MHz
External bus performance up to 80 MHz
120-pin LQFP package
25 MHz crystal
• Programmable VDDINT core power
Analog Devices AD5258 TWI digital potentiometer
Analog Devices ADP1715 low dropout linear regulator
• Internal parallel flash memory
Numonyx M58WT032 – 4 MB (2M x 16 bits)
• SPI flash memory
Numonyx M25P16 – 16 Mb
• Internal ADC
Analog Devices AD7266 2 MSPS, 12-bit, 3-channel SAR
analog-to-digital converter
Twelve single-ended inputs
Six differential inputs
• Universal asynchronous receiver/transmitter (UART)
ADM3202 RS-232 line driver/receiver
DB9 female connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com