Electronic Components Datasheet Search
  English  ▼

X  

MAX232ECDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MAX232ECDR
Description  DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX232ECDR Datasheet(HTML) 1 Page - Texas Instruments

  MAX232ECDR Datasheet HTML 1Page - Texas Instruments MAX232ECDR Datasheet HTML 2Page - Texas Instruments MAX232ECDR Datasheet HTML 3Page - Texas Instruments MAX232ECDR Datasheet HTML 4Page - Texas Instruments MAX232ECDR Datasheet HTML 5Page - Texas Instruments MAX232ECDR Datasheet HTML 6Page - Texas Instruments MAX232ECDR Datasheet HTML 7Page - Texas Instruments MAX232ECDR Datasheet HTML 8Page - Texas Instruments MAX232ECDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
C1+
VS+
C1−
C2+
C2−
VS−
DOUT2
RIN2
VCC
GND
DOUT1
RIN1
ROUT1
DIN1
DIN2
ROUT2
D, DW, N, NS, OR PW PACKAGE
(TOP VIEW)
MAX232E
www.ti.com
SLLS723B – APRIL 2006 – REVISED NOVEMBER 2009
DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
Check for Samples: MAX232E
1
FEATURES
•
Meets or Exceeds TIA/RS-232-F and ITU
Recommendation V.28
•
Operates From a Single 5-V Power Supply
With 1.0-
μF Charge-Pump Capacitors
•
Operates up to 250 kbit/s
•
Two Drivers and Two Receivers
•
±30-V Input Levels
•
Low Supply Current . . . 8 mA Typical
•
ESD Protection for RS-232 Bus Pins
–
±15-kV Human-Body Model (HBM)
–
±8-kV IEC61000-4-2, Contact Discharge
–
±15-kV IEC61000-4-2, Air-Gap Discharge
APPLICATIONS
•
TIA/RS-232-F
•
Battery-Powered Systems
•
Terminals
•
Modems
•
Computers
DESCRIPTION/ORDERING INFORMATION
The MAX232E is a dual driver/receiver that includes a capacitive voltage generator to supply TIA/RS-232-F
voltage levels from a single 5-V supply. Each receiver converts TIA/RS-232-F inputs to 5-V TTL/CMOS levels.
This receiver has a typical threshold of 1.3 V, a typical hysteresis of 0.5 V, and can accept ±30-V inputs. Each
driver converts TTL/CMOS input levels into TIA/RS-232-F levels. The driver, receiver, and voltage-generator
functions are available as cells in the Texas Instruments LinASIC™ library.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MAX232ECDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX232ECDR TI-MAX232ECDR Datasheet
353Kb / 16P
DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
APRIL 2006
MAX232ECDR TI-MAX232ECDR Datasheet
405Kb / 16P
DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232ECDR TI-MAX232ECDR Datasheet
502Kb / 18P
DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232ECDR TI1-MAX232ECDR Datasheet
1Mb / 27P
Dual RS-232 Driver and Receiver
REVISED AUGUST 2016
MAX232ECDRG4 TI-MAX232ECDRG4 Datasheet
353Kb / 16P
DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
APRIL 2006
More results

Similar Description - MAX232ECDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX202 TI-MAX202 Datasheet
321Kb / 14P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15KV ESD PROTECTION
MAX232E TI-MAX232E Datasheet
353Kb / 16P
DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
APRIL 2006
MAX232E TI-MAX232E_10 Datasheet
405Kb / 16P
DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232E_101 TI-MAX232E_101 Datasheet
502Kb / 18P
DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
TRS232E TI-TRS232E_10 Datasheet
526Kb / 18P
DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
TRS232 TI1-TRS232 Datasheet
630Kb / 18P
DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
logo
Exar Corporation
XR32220 EXAR-XR32220 Datasheet
874Kb / 13P
2-Driver/2-Receiver Intelligent RS-232 Transceiver
logo
Texas Instruments
MAX202 TI1-MAX202_15 Datasheet
746Kb / 20P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX208 TI1-MAX208_14 Datasheet
777Kb / 16P
MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX232E TI1-MAX232E_16 Datasheet
1Mb / 27P
Dual RS-232 Driver and Receiver
REVISED AUGUST 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com