Electronic Components Datasheet Search
  English  ▼

X  

AD8022ARMZ Datasheet(PDF) 51 Page - Analog Devices

Part # AD8022ARMZ
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8022ARMZ Datasheet(HTML) 51 Page - Analog Devices

Back Button AD8022ARMZ Datasheet HTML 47Page - Analog Devices AD8022ARMZ Datasheet HTML 48Page - Analog Devices AD8022ARMZ Datasheet HTML 49Page - Analog Devices AD8022ARMZ Datasheet HTML 50Page - Analog Devices AD8022ARMZ Datasheet HTML 51Page - Analog Devices AD8022ARMZ Datasheet HTML 52Page - Analog Devices AD8022ARMZ Datasheet HTML 53Page - Analog Devices AD8022ARMZ Datasheet HTML 54Page - Analog Devices AD8022ARMZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 75 page
background image
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
2-17
ADSP-BF506F EZ-KIT Lite Hardware Reference
RS-232 Connector (J1)
CAN Connector (J2)
SD Connector (J3)
JTAG Connector (P1)
The JTAG header (P1) is the connecting point between the JTAG inter-
face and ADSP-BF506F processor.
Pin 3 is missing to provide keying. Pin 3 in the mating connector should
have a plug.
Part Description
Manufacturer
Part Number
DB9, female, vertical mount
NORCOMP
191-009-213-L-571
Mating Cable
2m female-to-female cable
DIGI-KEY
AE1020-ND
Part Description
Manufacturer
Part Number
RJ11 modular jack
AMP
5558872-1
Mating Cable
4-conductor modular jack cable
L-COM
TSP3044
Part Description
Manufacturer
Part Number
SD 8-bit
MORETHANALL
MHC-W21-601-LF
Memory Card
256 MB
SANDISK-STACK
SDSDB-256-A10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com