Electronic Components Datasheet Search
  English  ▼

X  

218-6LPST Datasheet(PDF) 58 Page - Analog Devices

Part # 218-6LPST
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

218-6LPST Datasheet(HTML) 58 Page - Analog Devices

Back Button 218-6LPST Datasheet HTML 54Page - Analog Devices 218-6LPST Datasheet HTML 55Page - Analog Devices 218-6LPST Datasheet HTML 56Page - Analog Devices 218-6LPST Datasheet HTML 57Page - Analog Devices 218-6LPST Datasheet HTML 58Page - Analog Devices 218-6LPST Datasheet HTML 59Page - Analog Devices 218-6LPST Datasheet HTML 60Page - Analog Devices 218-6LPST Datasheet HTML 61Page - Analog Devices 218-6LPST Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 75 page
background image
A-4
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
45
42
10K 1/16W 5%
0402
R3-6,R9,R11,R14,R19,
R27-38,R69-70,R72-73,
R79,R81-83,R88-91,
R95,R98-101,R108,
R128,R133-134,R137
VISHAY
CRCW040210K0FKED
46
3
4.7K 1/16W 5%
0402
R15-17
VISHAY
CRCW04024K70JNED
47
25
0 1/16W 5% 0402 R21-22,R25-26,R39-40,
R42-43,R45-46,R49-50,
R52-53,R55-56,R58-61,
R63-64,R66-67,R130
PANASONIC
ERJ-2GE0R00X
48
11
33 1/16W 5%
0402
R7-8,R18,R20,R135-
136,R138-142
VISHAY
CRCW040233R0JNEA
49
2
2.2UF 10V 10%
0805
C119-120
AVX
0805ZD225KAT2A
50
2
1A SK12
DO-214AA
D8,D10
DIODES INC
B120B-13-F
51
24
10PF 50V 5%
0805
C34-36,C49-69
AVX
08055A100JAT2A
52
1
1UF 16V 10%
0603
C96
PANASONIC
ECJ-1VB1C105K
53
1
68PF 50V 5%
0603
C112
AVX
06035A680JAT2A
54
3
4.7UF 6.3V 20%
0603
C106-107,C110
PANASONIC
ECJ-1VB0J475M
55
1
470PF 50V 5%
0603
C111
AVX
06033A471JAT2A
56
1
220UF 6.3V 20%
D2E
CT1
SANYO
10TPE220ML
57
5
330 1/10W 5%
0603
R80,R84-87
VISHAY
CRCW0603330RJNEA
58
1
0 1/10W 5% 0603 R111
PHYCOMP
232270296001L
Ref.
Qty.
Description
Reference Designator
Manufacturer
Part Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com