Electronic Components Datasheet Search
  English  ▼

X  

PTH08T220WAS Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T220WAS
Description  16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T220WAS Datasheet(HTML) 7 Page - Texas Instruments

Back Button PTH08T220WAS Datasheet HTML 3Page - Texas Instruments PTH08T220WAS Datasheet HTML 4Page - Texas Instruments PTH08T220WAS Datasheet HTML 5Page - Texas Instruments PTH08T220WAS Datasheet HTML 6Page - Texas Instruments PTH08T220WAS Datasheet HTML 7Page - Texas Instruments PTH08T220WAS Datasheet HTML 8Page - Texas Instruments PTH08T220WAS Datasheet HTML 9Page - Texas Instruments PTH08T220WAS Datasheet HTML 10Page - Texas Instruments PTH08T220WAS Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
PTH08T220W, PTH08T221W
www.ti.com................................................................................................................................................... SLTS252K – NOVEMBER 2005 – REVISED JUNE 2009
ELECTRICAL CHARACTERISTICS
PTH08T221W (ceramic capacitors) (continued)
TA = 25°C, VI = 5 V, VO = 3.3 V, CI = 300 µF ceramic, CO = 300 µF ceramic, and IO = IO max (unless otherwise stated)
PARAMETER
TEST CONDITIONS
PTH08T221W
UNIT
MIN
TYP
MAX
w/o TurboTrans
Capacitance Value
Ceramic
300 (6)
3000 (7)
µF
see table
CO
External output capacitance
Capacitance Value
5000
µF
(6)
w/ TurboTrans
Capacitance × ESR product (CO × ESR)
100
1000
µF×m
Ω
Per Telcordia SR-332, 50% stress,
MTBF
Reliability
6.1
106 Hr
TA = 40°C, ground benign
(6)
A minimum of 300 µF ceramic external output capacitance is required for basic operation. The minimum output capacitance requirement
increases when TurboTrans™ (TT) technology is utilized. See related Application Information section for more guidance.
(7)
This is the calculated maximum disregarding TurboTrans™ technology.
Copyright © 2005–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): PTH08T220W PTH08T221W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com