Electronic Components Datasheet Search
  English  ▼

X  

SMLP36 Datasheet(PDF) 1 Page - Rohm

Part # SMLP36
Description  Tri-Color Top View 0604 <1.5 1.0 t=0.2mm> High Brightness Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLP36 Datasheet(HTML) 1 Page - Rohm

  SMLP36 Datasheet HTML 1Page - Rohm SMLP36 Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.45
0.4
0.25
0.25
0.4
Feeding direction
φ1.5
1.62
2.0±0.05
4.0± 0.1
+0.1
0
11.4±1
Directivity (Typ.)
0
50
100
50
100
0
30
60
90
30
60
90
Green, Red
Absolute Maximum Ratings (Ta=25
°C)
Dimensions (Unit:mm)
0
50
100
50
100
Red
Green
0
30
60
90
30
60
90
(Unit:mm)
Y
X
Y’
X’
The recommended thickness of the screen mask
for soldering is between 80 and 130µm. The hole
size of the screen mask should be same as the
recommended land pattern or smaller.
Packaging Specifications (Unit:mm)
Recommended Pad Layout
Tape Specifications:1 <5,000pcs/reel>
SMLP36 Series (under development)
PICOLEDTM -RGB
Reel Specifications
Tri-Color Top View
0604 <1.5 1.0 t=0.2mm> High Brightness Type
Electrical Optical Characteristics (Ta=25
°C)
Part No.
Forward
voltage
VF
Light wavelength
Reverse
current
IR
Brightness
IV
IF
(mA)
Typ.
(V)
Typ.
(mcd)
Typ.
(nm)
λD∗3
Min.
(
mcd)
IF
(mA)
IF
(mA)
Max.
(µA)
Resin Color
Peak
forward
current
IFP
(mA)∗
2
Part No.
Power
dissipation
PD
(mW)
Forward
current
IF
(mA)∗
1
Reverse
voltage
VR
(V)
Operating
temperature
Topr
(
°C)
Storage
temperature
Tstg
(
°C)
Emitting
color
VR
(V)
Dominant
Blue
Green
Red
SMLP36
64
20
100
5
-30 to +85
-40 to +100
3.0
(3.2)
3.1
(3.3)
1.9
(2.2)
5
(20)
100
5
470
527
624
5
9.0
(28)
36
(110)
14
(56)
18
(50)
71
(200)
28
(100)
5
(20)
SMLP36
Milkey
White
1:The above absolute maximum ratings are valid for the case of lighting a single color. When lighting two colors at
the same time, each of the figures in the absolute maximum ratings should be reduced down to 50% of it. When
lighting three colors, it will be reduced down to 30% of it. (DC drive)
2:Conditions of IFP : Pulse width
1ms
Duty
1/120
3:Measurement tolerance :
±2nm
Tolerance:±0.2
Tolerance:± 0.2
Green
Red
Green
Red
Emitting Color
Material
Package Size(mm)
Blue
Green
Red
SMLP36RGB1W
1510(0604) 1.5
×1.0(t=0.2)
Part No.
InGaN on SiC
AlGalnP on GaAs
RELATIVE LUMINOUS INTENSITY (%)
Angular Displacement (deg)
Angular Displacement (deg)
RELATIVE LUMINOUS INTENSITY (%)
In preparation
In preparation
Tolerance:± 0.1
R
B
G
1.5
1.42
0.9
0.4
R
B
G
Cathode
Anode
Target Spec.
4.0±0.05
0.20±0.08
0.28±0.05


Similar Part No. - SMLP36

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLP36RGB ROHM-SMLP36RGB Datasheet
402Kb / 11P
The smallest class 3 color type LED in the world PICOLEDTM-RGB
SMLP36RGB1W ROHM-SMLP36RGB1W Datasheet
818Kb / 4P
The smallest 3 color type LED in the world PICOLED-RGB
SMLP36RGB1W ROHM-SMLP36RGB1W Datasheet
1Mb / 4P
The smallest 3 color type LED in the world
SMLP36RGB1W3A ROHM-SMLP36RGB1W3A Datasheet
818Kb / 4P
The smallest 3 color type LED in the world PICOLED-RGB
SMLP36RGB1W3A ROHM-SMLP36RGB1W3A Datasheet
1Mb / 4P
The smallest 3 color type LED in the world
More results

Similar Description - SMLP36

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1313C ETC1-1313C Datasheet
1Mb / 17P
TOP VIEW TYPE TRI-COLOR
1314C ETC1-1314C Datasheet
1Mb / 17P
TOP VIEW TYPE TRI-COLOR
logo
Rohm
SML-P12PT ROHM-SML-P12PT Datasheet
125Kb / 3P
0402<1.0 0.6 t=0.2mm> Standard Type
SMLP12WB ROHM-SMLP12WB Datasheet
121Kb / 3P
0402<1.0 0.6 t=0.2mm> Standard Type
SMLP34RGB1W ROHM-SMLP34RGB1W Datasheet
105Kb / 2P
Tri-Color Top View 0404 <1.0 1.0 t=0.2mm> High Brightness Type
SMLC14WBEPW ROHM-SMLC14WBEPW Datasheet
139Kb / 2P
Side View Chip LEDs 1504 <3.8 1.0 t=0.6mm> High Brightness Type
SMLV56 ROHM-SMLV56_11 Datasheet
1Mb / 4P
High Brightness Tri-Color LEDs
SMLVN6RGB1W ROHM-SMLVN6RGB1W Datasheet
934Kb / 10P
High Brightness Tri-Color LEDs
SMLVN6RGB1U1 ROHM-SMLVN6RGB1U1 Datasheet
923Kb / 11P
High Brightness Tri-Color LEDs
SMLVN6RGB7W ROHM-SMLVN6RGB7W Datasheet
611Kb / 10P
High Brightness Tri-Color LEDs
2020.4- Rev.002
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com