Electronic Components Datasheet Search
  English  ▼

X  

Si1012R/X Datasheet(PDF) 3 Page - Texas Instruments

Part # Si1012R/X
Description  Medium Integrated Power Solution Using a Dual DC/DC Converter and an LDO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

Si1012R/X Datasheet(HTML) 3 Page - Texas Instruments

  Si1012R/X Datasheet HTML 1Page - Texas Instruments Si1012R/X Datasheet HTML 2Page - Texas Instruments Si1012R/X Datasheet HTML 3Page - Texas Instruments Si1012R/X Datasheet HTML 4Page - Texas Instruments Si1012R/X Datasheet HTML 5Page - Texas Instruments Si1012R/X Datasheet HTML 6Page - Texas Instruments Si1012R/X Datasheet HTML 7Page - Texas Instruments Si1012R/X Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.ti.com
Features
3
Features
The design uses the following high-efficiency dc/dc converter with integrated FETs.
INPUT VOLTAGE
~3.3 V
INTEGRATION AND HIGH EFFICIENCY
(Without DVFS)
COMBINE RTC AND STATIC 1.2
Core 1.2 V at 600 mA
TPS62420 (DCDC1)
Static 1.2 V + VRTC at 251 mA
Static 1.8 V at 230 mA
TPS62420 (DCDC2)
Static 3.3 V at 115 mA
TPS71733 (DRV)
In the preceding table, VRTC is included in the STATIC12 (fixed 1.2 V) group.
TPS62420
•
High efficiency – up to 95%
•
VIN range From 2.5 V to 6 V
•
Output current 600 mA and 1000 mA
•
EasyScale™ optional 1-pin serial interface for dynamic output voltage adjustment
•
Power-Save mode at light-load currents
•
Available in a 10-pin QFN (3×3mm)
TPS71733
•
150-mA low-dropout (LDO) regulator with enable
•
Low noise: 30 mV typical (100 Hz to 100 kHz)
•
Excellent load/line transient response
•
Small SC70-5, 2 mm × 2 mm SON-6, and 1,5 mm × 1,5 mm SON-6 packages
More information on the devices can be found in the data sheets.
•
TPS62420, SLVS676
•
TPS71733, SBVS068
3
SLVA343A – June 2009 – Revised May 2010
Medium Integrated Power Solution Using a Dual DC/DC Converter and an LDO
Copyright © 2009–2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com