Electronic Components Datasheet Search
  English  ▼

X  

GSOT03-GS08 Datasheet(PDF) 64 Page - Analog Devices

Part # GSOT03-GS08
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

GSOT03-GS08 Datasheet(HTML) 64 Page - Analog Devices

Back Button GSOT03-GS08 Datasheet HTML 60Page - Analog Devices GSOT03-GS08 Datasheet HTML 61Page - Analog Devices GSOT03-GS08 Datasheet HTML 62Page - Analog Devices GSOT03-GS08 Datasheet HTML 63Page - Analog Devices GSOT03-GS08 Datasheet HTML 64Page - Analog Devices GSOT03-GS08 Datasheet HTML 65Page - Analog Devices GSOT03-GS08 Datasheet HTML 66Page - Analog Devices GSOT03-GS08 Datasheet HTML 67Page - Analog Devices GSOT03-GS08 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 75 page
background image
DA_5V
3.3V
0402
R139
33
R13
1.2K
0402
3.3V
R11
10K
0402
DEFAULT=INSTALLED
SJ1
JUMPER
SHORTING
R5
10K
0402
C2
0.01UF
0402
3.3V
C3
0.01UF
0402
3.3V
10K
0402
R19
R15
4.7K
0402
R16
4.7K
0402
R17
4.7K
0402
R14
10K
0402
R2
33.0K
0402
C1
220PF
0402
R1
100K
0402
TP1
3.3V
R12
1.2K
0402
3.3V
R3
10K
0402
0402
10K
R4
3.3V
R9
10K
0402
DSP + SPI FLASH
10
17-12-2009_16:20
2
D
4
3
2
1
A
B
C
20 Cotton Road
Nashua, NH 03063
A
B
C
D
4
3
2
1
PH: 1-800-ANALOGD
C
Title
Size
Board No.
Date
Sheet
of
DEVICES
ANALOG
Rev
A0226-2009
ADSP-BF506F EZ-KIT LITE
1.0
25MHZ
OSC003
U15
4
3
1
2
GND
OE
OUT
VDD
P1
IDC7X2
14
12
10
8
6
4
2
13
11
9
7
5
3
1
0402
10K
R6
SW2
ROTARY
SWT027
4
2
1
C
0
1
2
3
4
5
6
7
IDC2X1
JP1
2
1
SO8W
M25P16
U4
3
7
1
8
2
5
6
4
GND
SCK
SI
SO
VCC
CS
HOLD
WP
3.3V
R20
33
0402
RNS003
33
RN2
9
8
10
7
11
6
12
5
13
4
14
3
15
2
16
1
R1A
R1B
R2A
R2B
R3A
R3B
R4A
R4B
R5A
R5B
R6A
R6B
R7A
R7B
R8A
R8B
R7
33
0402
0402
33
R138
R8
33
0402
R140
33
0402
0402
33
R18
EXT_PS
DA_5V
DSP_TCK
DSP_TDI
DSP_TDO
DSP_TMS
JTAG_CONN_TCK
JTAG_CONN_TDI
JTAG_CONN_TMS
DA_USB_PWR
DA_SOFT_RESET
DSP_EMU
DSP_TRST
JTAG_CONN_EMU
JTAG_CONN_SELECT
JTAG_CONN_TRST
JTAG_CONN_TDO
DEBUG_AGENT
U7
ADSP-BF506F
LQFP120_EP
56
71
111
110
68
34
37
114
33
35
54
36
55
115
113
44
43
40
39
38
32
31
29
50
49
48
47
46
45
28
27
10
9
8
7
5
3
4
2
22
21
19
18
16
14
119
118
57
58
11
12
70
120
EXTCLK
EXT_WAKE
RESET
NMI
BMODE0
BMODE1
PF0/TSCLK0/UA0_RX/TMR6/CUD0
PF1/RSCLK0/UA0_TX/TMR5/CDG0
PF10/SPI0_SCK/TMR2/PPI_D5
PF11/SPI0_MISO/PWM0_TRIP/PPI_D4/TACLK2
PF12/SPI0_MOSI/PWM0_SYNC/PPI_D3
PF13/SPI0_SEL1/TMR3/PPI_D2/SPI0_SS
PF14/SPI0_SEL2/PWM0_AH/PPI_D1
PF15/SPI0_SEL3/PWM0_AL/PPI_D0
PF2/DT0PRI/PWM0_BH/PPI_D8/CZM0
PF3/TFS0/PWM0_BL/PPI_D9/CDG0
PF4/RFS0/PWM0_CH/PPI_D10/TACLK0
PF5/DR0PRI/PWM0_CL/PPI_D11/TACLK1
PF6/UA1_TX/PWM0_TRIP/PPI_D12
PF7/UA1_RX/PWM0_SYNC/PPI_D13/TACI3
PF8/UA1_RTS/DT0SEC/PPI_D7
PF9/UA1_CTS/DR0SEC/PPI_D6/CZM0
PG0/SPI1_SEL3/TMRCLK/PPI_CLK/UA1_RX/TACI4
PG1/SPI1_SEL2/PPI_FS3/CAN_RX/TACI5
PG10/RFS1/SD_CMD/PWM1_CH/TACI6
PG11/RSCLK1/SD_CLK/PWM1_CL/TACLK7
PG12/UA0_RX/SD_D4/PPI_D15/TACI2
PG13/UA0_TX/SD_D5/PPI_D14/CZM1
PG14/UA0_RTS/SD_D6/TMR0/PPI_FS1/CUD1
PG15/UA0_CTS/SD_D7/TMR1/PPI_FS2/CDG1
PG2/SPI1_SEL1/TMR4/CAN_TX/SPI1_SS
PG3/HWAIT/SPI1_SCK/DT1SEC/UA1_TX
PG4/SPI1_MOSI/DR1SEC/PWM1_SYNC/TACLK6
PG5/SPI1_MISO/TMR7/PWM1_TRIP
PG6/ACM_SGLDIFF/SD_D3/PWM1_AH
PG7/ACM_RANGE/SD_D2/PWM1_AL
PG8/DR1SEC/SD_D1/PWM1_BH
PG9/DR1PRI/SD_D0/PWM1_BL
PH0/ACM_A2/DT1PRI/SPI0_SEL3/WAKEUP
PH1/ACM_A1/TFS1/SPI1_SEL3/TACLK3
SCL
TDO
SDA
TMS
TDI
PH2/ACM_A0/TSCLK1/SPI1_SEL2/TACI7
TRST
TCK
EMU
CLKIN
XTAL
PG
BMODE2
SDA
SCL
EXT_WAKE
DA_USB_PWR
EXT_PS
UART0_CTS/SD_D7
UART0_RTS/SD_D6
UART0_TX/SD_D5
UART0_RX/SD_D4
ACM_SGLDIFF/SD_D3
ACM_RANGE/SD_D2
ADC_DOUTB/SD_D1
ADC_DOUTA/SD_D0
LED0
LED1
LED2
PB0
PB1
PF5
PF6
PF7
PF8
PF9
SPI0_MISO
SPI0_MISO
SPI0_MOSI
SPI0_MOSI
SPI0_SEL1
SPI0_SEL1
PF14
PF15
RESET
ACM_A0
ACM_A1
ACM_A2
ADC_SCLK/SD_CLK
ADC_CS/SD_CMD
SD_CD
SD_WP
PG3
CAN_TX
CAN_RX
CAN_ERR
DSP_TMS
DSP_TMS
DSP_TDI
DSP_TDI
DSP_TCK
DSP_TCK
DSP_TDO
DSP_TDO
DSP_EMU
DSP_EMU
DSP_TRST
DSP_TRST
DA_SOFT_RESET
SPI0_SCK
SPI0_SCK
PG
PG
http://www.analog.com
Engineer to Engineer Note EE-68 which can be found at
When designing your JTAG interface please refer to the
All USB interface circuitry is considered proprietary and has
been omitted from this schematic.
"JTAG"
16 Mb SPI FLASH
BOOT MODE
POSITION
2
3
4
5
6
7
1
0
Idle-No Boot
Boot through SPI0 master from SPI memory
Boot through SPI0 slave from host device
Boot through PPI from host
Reserved
Boot thorugh UART0 slave from host device
Default
"BOOT MODE"
"SPI FLASH CS ENABLE"
SW2: Boot Mode Select Switch
Boot from internal parallel flash in async mode
Boot from internal parallel flash in sync mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com