Electronic Components Datasheet Search
  English  ▼

X  

SN74HC595 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC595
Description  8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC595 Datasheet(HTML) 5 Page - Texas Instruments

  SN74HC595 Datasheet HTML 1Page - Texas Instruments SN74HC595 Datasheet HTML 2Page - Texas Instruments SN74HC595 Datasheet HTML 3Page - Texas Instruments SN74HC595 Datasheet HTML 4Page - Texas Instruments SN74HC595 Datasheet HTML 5Page - Texas Instruments SN74HC595 Datasheet HTML 6Page - Texas Instruments SN74HC595 Datasheet HTML 7Page - Texas Instruments SN74HC595 Datasheet HTML 8Page - Texas Instruments SN74HC595 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
SN54HC595
SN74HC595
www.ti.com
SCLS041H – DECEMBER 1982 – REVISED NOVEMBER 2009
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VCC
Supply voltage range
−0.5 V to 7 V
IIK
Input clamp current(2)
VI < 0 or VI > VCC
±20 mA
IOK
Output clamp current (2)
VO < 0 or VO > VCC
±20 mA
IO
Continuous output current
VO = 0 to VCC
±35 mA
Continuous current through VCC or GND
±70 mA
D package
73°C/W
DB package
82°C/W
DW package
57°C/W
θJA
Package thermal impedance(3)
N package
67°C/W
NS package
64°C/W
PW package
108°C/W
Tstg
Storage temperature range
−65°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
RECOMMENDED OPERATING CONDITIONS
(1)
SN54HC595
SN74HC595
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
VCC
Supply voltage
2
5
6
2
5
6
V
VCC = 2 V
1.5
1.5
VIH
High-level input voltage
VCC = 4.5 V
3.15
3.15
V
VCC = 6 V
4.2
4.2
VCC = 2 V
0.5
0.5
VIL
Low-level input voltage
VCC = 4.5 V
1.35
1.35
V
VCC = 6 V
1.8
1.8
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
VCC = 2 V
1000
1000
Δt/Δv
Input transition rise/fall time(2)
VCC = 4.5 V
500
500
ns
VCC = 6 V
400
400
TA
Operating free-air temperature
–55
125
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. See the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
(2)
If this device is used in the threshold region (from VILmax = 0.5 V to VIHmin = 1.5 V), there is a potential to go into the wrong state from
induced grounding, causing double clocking. Operating with the inputs at tt = 1000 ns and VCC = 2 V does not damage the device;
however, functionally, the CLK inputs are not ensured while in the shift, count, or toggle operating modes.
Copyright © 1982–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN54HC595 SN74HC595



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com