Electronic Components Datasheet Search
  English  ▼

X  

ISO722 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ISO722
Description  3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO722 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ISO722 Datasheet HTML 10Page - Texas Instruments ISO722 Datasheet HTML 11Page - Texas Instruments ISO722 Datasheet HTML 12Page - Texas Instruments ISO722 Datasheet HTML 13Page - Texas Instruments ISO722 Datasheet HTML 14Page - Texas Instruments ISO722 Datasheet HTML 15Page - Texas Instruments ISO722 Datasheet HTML 16Page - Texas Instruments ISO722 Datasheet HTML 17Page - Texas Instruments ISO722 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
0
75
50
25
100
125
150
175
200
0
50
100
150
200
CaseTemperature
C
o
−
V
,
=3.6V
CC1 VCC2
V
,V
=5.5V
CC1
CC2
ISO721, ISO721M
ISO722, ISO722M
SLLS629I – JANUARY 2006 – REVISED FEBRUARY 2010
www.ti.com
Figure 7. qJC Thermal Derating Curve per IEC 60747-5-2
FUNCTION TABLE
Table 4. ISO721(1)
VCC1
VCC2
INPUT
OUTPUT
(IN)
(OUT)
H
H
PU
PU
L
L
Open
H
PD
PU
X
H
(1)
PU = Powered Up (VCC ≥ 3 V); PD = Powered Down (VCC ≤ 2.5 V); X = Irrelevant; H = High Level;
L = Low Level
Table 5. ISO722(1)
VCC1
VCC2
INPUT
ISO722/ISO722M
OUTPUT
(IN)
OUTPUT ENABLE (EN)
(OUT)
H
L or Open
H
L
L or Open
L
PU
PU
X
H
Z
Open
L or Open
H
PD
PU
X
L or Open
H
PD
PU
X
H
Z
(1)
PU = Powered Up (VCC ≥ 3 V); PD = Powered Down (VCC ≤ 2.5 V); X = Irrelevant; Z = High Impedance; H = High Level; L = Low Level
14
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Link(s): ISO721 ISO721M ISO722 ISO722M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com