Electronic Components Datasheet Search
  English  ▼

X  

ISO721DUB Datasheet(PDF) 2 Page - Texas Instruments

Part # ISO721DUB
Description  3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO721DUB Datasheet(HTML) 2 Page - Texas Instruments

  ISO721DUB Datasheet HTML 1Page - Texas Instruments ISO721DUB Datasheet HTML 2Page - Texas Instruments ISO721DUB Datasheet HTML 3Page - Texas Instruments ISO721DUB Datasheet HTML 4Page - Texas Instruments ISO721DUB Datasheet HTML 5Page - Texas Instruments ISO721DUB Datasheet HTML 6Page - Texas Instruments ISO721DUB Datasheet HTML 7Page - Texas Instruments ISO721DUB Datasheet HTML 8Page - Texas Instruments ISO721DUB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
ISO721
DUBPackage
(TopView)
V
CC1
IN
V
CC1
GND1
V
CC2
GND2
OUT
GND2
1
2
3
4
5
6
7
8
P0106-01
P0066-09
V
CC1
IN
V
CC1
GND1
V
CC2
GND2
OUT
GND2
ISO721,
D Package
(Top View)
ISO721M
1
2
3
4
8
7
6
5
P0066-10
V
CC1
IN
V
CC1
GND1
V
CC2
EN
OUT
GND2
ISO722, ISO722M
D Package
(Top View)
1
2
3
4
8
7
6
5
ISO721, ISO721M
ISO722, ISO722M
SLLS629I – JANUARY 2006 – REVISED FEBRUARY 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION (CONTINUED)
The symmetry of the dielectric and capacitor within the integrated circuitry provides for close capacitive matching,
and allows fast transient voltage changes between the input and output grounds without corrupting the output.
The small capacitance and resulting time constant provide for fast operation with signaling rates(1) from 0 Mbps
(dc) to 100 Mbps for the ISO721/ISO722, and 0 Mbps to 150 Mbps with the ISO721M/ISO722M.
These devices require two supply voltages of 3.3-V, 5-V, or any combination. All inputs are 5-V tolerant when
supplied from a 3.3-V supply and all outputs are 4-mA CMOS.
The ISO722 and ISO722M devices includes an active-low output enable that when driven to a high-logic level,
places the output in a high-impedance state, and turns off internal bias circuitry to conserve power.
Both the ISO721 and ISO722 have TTL input thresholds and a noise-filter at the input that prevents transient
pulses of up to 2 ns in duration from being passed to the output of the device.
The ISO721M and ISO722M have CMOS VCC/2 input thresholds, but do not have the noise-filter and the
additional propagation delay. These features of the ISO721M also provide for reduced jitter operation.
The ISO721, ISO721M, ISO722, and ISO722M are characterized for operation over the ambient temperature
range of –40°C to 125°C.
(1) The signaling rate of a line is the number of voltage transitions that are made per second expressed in
the units bps (bits per second).
AVAILABLE OPTIONS
OUTPUT
INPUT
NOISE
MARKED
PRODUCT
PACKAGE(1)
ORDERING NUMBER
ENABLED
THRESHOLDS
FILTER
AS
ISO721D (rail)
D-8
ISO721DR (reel)
ISO721
NO
TTL
YES
ISO721
ISO721DUB (rail)
DUB-8
ISO721DUBR (reel)
ISO721MD (rail)
ISO721M
NO
CMOS
NO
D-8
IS721M
ISO721MDR (reel)
ISO722D (rail)
ISO722
YES
TTL
YES
D-8
ISO722
ISO722DR (reel)
ISO722MD (rail)
ISO722M
YES
CMOS
NO
D-8
IS722M
ISO722MDR (reel)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
2
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Link(s): ISO721 ISO721M ISO722 ISO722M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com