Electronic Components Datasheet Search
  English  ▼

X  

TXB0101DBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TXB0101DBVR
Description  1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXB0101DBVR Datasheet(HTML) 1 Page - Texas Instruments

  TXB0101DBVR Datasheet HTML 1Page - Texas Instruments TXB0101DBVR Datasheet HTML 2Page - Texas Instruments TXB0101DBVR Datasheet HTML 3Page - Texas Instruments TXB0101DBVR Datasheet HTML 4Page - Texas Instruments TXB0101DBVR Datasheet HTML 5Page - Texas Instruments TXB0101DBVR Datasheet HTML 6Page - Texas Instruments TXB0101DBVR Datasheet HTML 7Page - Texas Instruments TXB0101DBVR Datasheet HTML 8Page - Texas Instruments TXB0101DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
FEATURES
See mechanical drawings for dimensions.
DBV PACKAGE
(TOP VIEW)
2
GND
OE
5
3
4
A
B
6
1
V
CCA
V
CCB
DCK PACKAGE
(TOP VIEW)
3
4
A
2
GND
B
5
1
V
CCA
OE
6
V
CCB
DRL PACKAGE
(TOP VIEW)
2
GND
OE
5
1
V
CCA
3
4
A
B
6
V
CCB
YZP PACKAGE
(BOTTOM VIEW)
2
GND
OE
1
5
V
CCA
A
4
3
B
6
V
CCB
B1
A1
C1
B2
A2
C2
DESCRIPTION/ORDERING INFORMATION
TXB0101
www.ti.com........................................................................................................................................... SCES639A – JANUARY 2007 – REVISED NOVEMBER 2008
1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
WITH AUTO DIRECTION SENSING AND ±15-kV ESD PROTECTION
2
• Available in the Texas Instruments NanoFree™
• Latch-Up Performance Exceeds 100 mA Per
Package
JESD 78, Class II
• 1.2 V to 3.6 V on A Port and
• ESD Protection Exceeds JESD 22
1.65 V to 5.5 V on B Port (VCCA ≤ VCCB)
–
A Port
• V
CC Isolation Feature – If Either VCC Input Is at
–
2000-V Human-Body Model (A114-B)
GND, All Outputs Are in the High-Impedance
–
250-V Machine Model (A115-A)
State
–
1500-V Charged-Device Model (C101)
• OE Input Circuit Referenced to V
CCA
–
B Port
• Low Power Consumption, 5-µA Max I
CC
–
15-kV Human-Body Model (A114-B)
• I
off Supports Partial-Power-Down Mode
–
250-V Machine Model (A115-A)
Operation
–
1500-V Charged-Device Model (C101)
This 1-bit noninverting translator uses two separate configurable power-supply rails. The A port is designed to
track VCCA. VCCA accepts any supply voltage from 1.2 V to 3.6 V. The B port is designed to track VCCB. VCCB
accepts any supply voltage from 1.65 V to 5.5 V. This allows for universal low-voltage bidirectional translation
between any of the 1.2-V, 1.5-V, 1.8-V, 2.5-V, 3.3-V, and 5-V voltage nodes. VCCA should not exceed VCCB.
When the output-enable (OE) input is low, all outputs are placed in the high-impedance state.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
To ensure the high-impedance state during power up or power down, OE should be tied to GND through a
pulldown resistor; the minimum value of the resistor is determined by the current-sourcing capability of the driver.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TXB0101DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0101DBVR TI-TXB0101DBVR Datasheet
489Kb / 18P
1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0101DBVR TI-TXB0101DBVR Datasheet
899Kb / 23P
1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0101DBVR TI1-TXB0101DBVR Datasheet
1Mb / 31P
1-Bit Bidirectional Level-Shifting and Voltage Translator
TXB0101DBVR TI2-TXB0101DBVR Datasheet
2Mb / 41P
TXB0101 1-Bit Bidirectional Level-Shifting and Voltage Translator With Auto Direction-Sensing and ±15kV ESD Protection
REVISED SEPTEMBER 2025
TXB0101DBVR.A TI2-TXB0101DBVR.A Datasheet
2Mb / 41P
TXB0101 1-Bit Bidirectional Level-Shifting and Voltage Translator With Auto Direction-Sensing and ±15kV ESD Protection
REVISED SEPTEMBER 2025
More results

Similar Description - TXB0101DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0104 TI-TXB0104 Datasheet
135Kb / 12P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108 TI-TXB0108 Datasheet
294Kb / 16P
8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102 TI-TXB0102 Datasheet
425Kb / 17P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0101 TI-TXB0101 Datasheet
489Kb / 18P
1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0106 TI-TXB0106 Datasheet
667Kb / 19P
6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102 TI-TXB0102_10 Datasheet
460Kb / 17P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102_101 TI-TXB0102_101 Datasheet
441Kb / 17P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0106 TI-TXB0106_10 Datasheet
568Kb / 19P
6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108 TI-TXB0108_10 Datasheet
653Kb / 22P
8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108 TI-TXB0108_V01 Datasheet
2Mb / 41P
TXB0108 8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing and 짹15-kV ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com