Electronic Components Datasheet Search
  English  ▼

X  

TXB0101DBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TXB0101DBVT
Description  1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXB0101DBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TXB0101DBVT Datasheet HTML 6Page - Texas Instruments TXB0101DBVT Datasheet HTML 7Page - Texas Instruments TXB0101DBVT Datasheet HTML 8Page - Texas Instruments TXB0101DBVT Datasheet HTML 9Page - Texas Instruments TXB0101DBVT Datasheet HTML 10Page - Texas Instruments TXB0101DBVT Datasheet HTML 11Page - Texas Instruments TXB0101DBVT Datasheet HTML 12Page - Texas Instruments TXB0101DBVT Datasheet HTML 13Page - Texas Instruments TXB0101DBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Input Driver Requirements
A. V is the input threshold voltage of the TXB0101 (typically
/2.
B.
T
V
V is the supply voltage of the external driver.
CCI
D
–(V – V )/4 k
D
T
V /4 k
T
V
IN
I
IN
Power Up
Enable and Disable
Pullup or Pulldown Resistors on I/O Lines
TXB0101
SCES639A – JANUARY 2007 – REVISED NOVEMBER 2008........................................................................................................................................... www.ti.com
Typical IIN vs VIN characteristics of the TXB0101 are shown in Figure 2. For proper operation, the device driving
the data I/Os of the TXB0101 must have drive strength of at least ±2 mA.
Figure 2. Typical IIN vs VIN Curve
During operation, ensure that VCCA ≤ VCCB at all times. During power-up sequencing, VCCA ≥ VCCB does not
damage the device, so any power supply can be ramped up first. The TXB0101 has circuitry that disables all
output ports when either VCC is switched off (VCCA/B = 0 V).
The TXB0101 has an OE input that is used to disable the device by setting OE = low, which places all I/Os in the
high-impedance (Hi-Z) state. The disable time (tdis) indicates the delay between when OE goes low and when the
outputs are actually disabled (Hi-Z). The enable time (ten) indicates the amount of time the user must allow for
the one-shot circuitry to become operational after OE is taken high.
The TXB0101 is designed to drive capacitive loads of up to 70 pF. The output drivers of the TXB0101 have low
dc drive strength. If pullup or pulldown resistors are connected externally to the data I/Os, their values must be
kept higher than 50 k
Ω to ensure that they do not contend with the output drivers of the TXB0101.
For the same reason, the TXB0101 should not be used in applications such as I2C or 1-Wire where an
open-drain driver is connected on the bidirectional data I/O. For these applications, use a device from the TI
TXS01xx series of level translators.
10
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TXB0101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com