Electronic Components Datasheet Search
  English  ▼

X  

ISO7220AD Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7220AD
Description  DUAL DIGITAL ISOLATORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7220AD Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO7220AD Datasheet HTML 17Page - Texas Instruments ISO7220AD Datasheet HTML 18Page - Texas Instruments ISO7220AD Datasheet HTML 19Page - Texas Instruments ISO7220AD Datasheet HTML 20Page - Texas Instruments ISO7220AD Datasheet HTML 21Page - Texas Instruments ISO7220AD Datasheet HTML 22Page - Texas Instruments ISO7220AD Datasheet HTML 23Page - Texas Instruments ISO7220AD Datasheet HTML 24Page - Texas Instruments ISO7220AD Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ISO7220A, ISO7220B, ISO7220C, ISO7220M
ISO7221A, ISO7221B, ISO7221C, ISO7221M
www.ti.com
SLLS755K – JULY 2006 – REVISED JANUARY 2010
Changes from Revision B (May 2007) to Revision C
Page
•
Added the Signaling rate values to the RECOMMENDED OPERATING CONDITIONS table ............................................ 3
•
Added Figure 17 cross reference to the Peak-to-peak eye-pattern jitter of the SWITCHING CHARACTERISTICS
table ...................................................................................................................................................................................... 5
•
Added Figure 17 cross reference to the Peak-to-peak eye-pattern jitter of the SWITCHING CHARACTERISTICS
table ...................................................................................................................................................................................... 6
•
Added Figure 17 cross reference to the Peak-to-peak eye-pattern jitter of the SWITCHING CHARACTERISTICS
table ...................................................................................................................................................................................... 8
•
Added Figure 17 cross reference to the Peak-to-peak eye-pattern jitter of the SWITCHING CHARACTERISTICS
table .................................................................................................................................................................................... 10
•
Changed the IEC 60664-1 RATINGS TABLE - Specification I-III test conditions From: Rated mains voltage
≤150
VRMS To: Rated mains voltage
≤300 VRMS. Added a row for the I-II specifications ....................................................... 12
•
Added Figure 20 - Time Dependent Dielectric Breakdown Test Results ........................................................................... 18
Changes from Revision C (May 2007) to Revision D
Page
•
Changed Figure 18 - Pin 2 (INA) label From: OUTPUT to INPUT ..................................................................................... 18
Changes from Revision D (June 2007) to Revision E
Page
•
Changed Figure 6 - New Curves ........................................................................................................................................ 15
•
Changed Figure 7- Re-scaled the Y-axis ........................................................................................................................... 15
Changes from Revision E (July 2007) to Revision F
Page
•
Added tsk(pp) footnote to the SWITCHING CHARACTERISTICS: VCC1 and VCC2 at 5-V OPERATION table ....................... 4
•
Added tsk(o) footnote to the SWITCHING CHARACTERISTICS: VCC1 and VCC2 at 5-V OPERATION table ......................... 5
•
Added tsk(pp) footnote to the SWITCHING CHARACTERISTICS: VCC1 at 5 V, VCC2 at 3.3 V OPERATION table ................ 6
•
Added tsk(o) footnote to the SWITCHING CHARACTERISTICS: VCC1 at 5 V, VCC2 at 3.3 V OPERATION table ................. 6
•
Added tsk(pp) footnote to the SWITCHING CHARACTERISTICS: VCC1 at 3.3 V, VCC2 at 5 V OPERTAION table ................ 8
•
Added tsk(o) footnote to the SWITCHING CHARACTERISTICS: VCC1 at 3.3 V, VCC2 at 5 V OPERTAION table ................. 8
•
Added tsk(pp) footnote to the SWITCHING CHARACTERISTICS table ............................................................................... 10
•
Added tsk(o) footnote to the SWITCHING CHARACTERISTICS table ................................................................................ 10
•
Changed Figure 6 - Re-scaled the Y-axis .......................................................................................................................... 15
•
Changed Figure 7 - New Curves ........................................................................................................................................ 15
Changes from Revision F (August 2007) to Revision G
Page
•
Added Part Numbers ISO720B and ISO7221B to the data sheet ........................................................................................ 1
•
Added 5-Mbps Signaling rate to the FEATURES list ............................................................................................................ 1
•
Added Part Numbers ISO720B and ISO7221B to the AVAILABLE OPTIONS table ........................................................... 2
•
Added Part Numbers ISO720B and ISO7221B to the ELECTRICAL CHARACTERISTICS: VCC1 and VCC2 at 5-V
table ...................................................................................................................................................................................... 4
•
Added Part Numbers ISO720B and ISO7221B to the ELECTRICAL CHARACTERISTICS: VCC1 at 5 V, VCC2 at 3.3 V
table ...................................................................................................................................................................................... 5
•
Added Part Numbers ISO720B and ISO7221B to the ELECTRICAL CHARACTERISTICS: VCC1 at 3.3 V, VCC2 at 5 V
table ...................................................................................................................................................................................... 7
•
Added Part Numbers ISO720B and ISO7221B to the ELECTRICAL CHARACTERISTICS: VCC1 and VCC2 at 3.3 V ......... 9
•
Added PROPAGATION DELAY vs FREE-AIR TEMPERATURE, ISO722xB, Figure 9 ..................................................... 15
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ISO7220A ISO7220B ISO7220C ISO7220M ISO7221A ISO7221B ISO7221C ISO7221M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com