Electronic Components Datasheet Search
  English  ▼

X  

XIO2001 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  PCI Express??to PCI Bus Translation Bridge
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 42 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 38Page - Texas Instruments XIO2001 Datasheet HTML 39Page - Texas Instruments XIO2001 Datasheet HTML 40Page - Texas Instruments XIO2001 Datasheet HTML 41Page - Texas Instruments XIO2001 Datasheet HTML 42Page - Texas Instruments XIO2001 Datasheet HTML 43Page - Texas Instruments XIO2001 Datasheet HTML 44Page - Texas Instruments XIO2001 Datasheet HTML 45Page - Texas Instruments XIO2001 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 128 page
background image
XIO2001
SCPS212D – MAY 2009 – REVISED JANUARY 2010
www.ti.com
4
Classic PCI Configuration Space
The programming model of the XIO2001 PCI-Express to PCI bridge is compliant to the classic PCI-to-PCI
bridge programming model. The PCI configuration map uses the type 1 PCI bridge header.
All bits marked with a are sticky bits and are reset by a global reset (GRST) or the internally-generated
power-on reset. All bits marked with a
┦ are reset by a PCI Express reset (PERST), a GRST, or the
internally-generated power-on reset. The remaining register bits are reset by a PCI Express hot reset,
PERST, GRST, or the internally-generated power-on reset.
Table 4-1. Classic PCI Configuration Register Map
REGISTER NAME
OFFSET
Device ID
Vendor ID
000h
Status
Command
004h
Class code
Revision ID
008h
BIST
Header type
Latency timer
Cache line size
00Ch
Device control base address
010h
Reserved
014h
Secondary latency timer
Subordinate bus number
Secondary bus number
Primary bus number
018h
Secondary status
I/O limit
I/O base
01Ch
Memory limit
Memory base
020h
Prefetchable memory limit
Prefetchable memory base
024h
Prefetchable base upper 32 bits
028h
Prefetchable limit upper 32 bits
02Ch
I/O limit upper 16 bits
I/O base upper 16 bits
030h
Reserved
Capabilities pointer
034h
Expansion ROM base address
038h
Bridge control
Interrupt pin
Interrupt line
03Ch
Reserved
Next item pointer
SSID/SSVID CAP ID
040h
Subsystem ID(1)
Subsystem vendor ID(1)
044h
Power management capabilities
Next item pointer
PM CAP ID
048h
PM Data
PMCSR_BSE
Power management CSR
04Ch
MSI message control
Next item pointer
MSI CAP ID
050h
MSI message address
054h
MSI upper message address
058h
Reserved
MSI message data
05Ch
MSI Mask Bits Register
060h
MSI Pending Bits Register
064h
Reserved
068h–06Ch
PCI Express capabilities register
Next item pointer
PCI Express capability ID
070h
Device Capabilities
074h
Device status
Device control
078h
Link Capabilities
07Ch
Link status
Link control
080h
Slot Capabilities
084h
Slot Status
Slot Control
088h
Root Capabilities
Root Control
08Ch
Root Status
090h
Device Capabilities 2
094h
(1)
One or more bits in this register are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
Registers highlighted in gray are reserved or not implemented.
42
Classic PCI Configuration Space
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com