Electronic Components Datasheet Search
  English  ▼

X  

XIO2001 Datasheet(PDF) 122 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  PCI Express??to PCI Bus Translation Bridge
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 122 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 118Page - Texas Instruments XIO2001 Datasheet HTML 119Page - Texas Instruments XIO2001 Datasheet HTML 120Page - Texas Instruments XIO2001 Datasheet HTML 121Page - Texas Instruments XIO2001 Datasheet HTML 122Page - Texas Instruments XIO2001 Datasheet HTML 123Page - Texas Instruments XIO2001 Datasheet HTML 124Page - Texas Instruments XIO2001 Datasheet HTML 125Page - Texas Instruments XIO2001 Datasheet HTML 126Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 128 page
background image
† CLOAD includes the typical load-circuit distributed capacitance.
CLOAD
Test
Point
Timing
Input
(see Note A )
Out-of-Phase
Output
tpd
50% VDD
50% VDD
VDD
0 V
0 V
0 V
0 V
0 V
VOL
th
tsu
VOH
VOH
VOL
High-Level
Input
Low-Level
Input
tw
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
LOAD CIRCUIT
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
INPUT RISE AND FALL TIMES
VOLTAGE WAVEFORMS
PULSE DURATION
tpd
tpd
tpd
VLOAD
IOH
IOL
From Output
Under Test
90% VDD
10% VDD
tf
tr
Output
Control
(low-level
enabling)
Waveform 1
(see Note B)
Waveform 2
(see Note B)
VOL
VOH
VOH - 0.3 V
tPZL
tPZH
tPLZ
tPHZ
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES, 3-STATE OUTPUTS
VOL + 0.3 V
0 V
0 V
≈ 50% VDD
≈ 50% VDD
ten
tdis
tpd
tPZH
tPZL
tPHZ
tPLZ
CLOAD†
(pF)
IOL
(mA)
TIMING
PARAMETER
30/50
12
- 12
0
3
1.5
‡
30/50
12
12
- 12
- 12
LOAD CIRCUIT PARAMETERS
= 50 Ω, where VOL = 0.6 V, IOL = 12 mA
IOL
30/50
‡ VLOAD - VOL
IOH
(mA)
VLOAD
(V)
Data
Input
In-Phase
Output
Input
(see Note A)
VDD
VDD
VDD
50% VDD
50% VDD
50% VDD
50% VDD
VDD
VDD
50% VDD
50% VDD
50% VDD
50% VDD
VDD
50% VDD
50% VDD
50% VDD
50% VDD
50% VDD
50% VDD
50% VDD
twH
2 V
0.8 V
trise
tfall
tc
twL
2 V min Peak-to-Peak
XIO2001
SCPS212D – MAY 2009 – REVISED JANUARY 2010
www.ti.com
7.13 Parameter Measurement Information
PCI Bus
For tPLZ and tPHZ, VOL and VOH are measured values.
Figure 7-1. Load Circuit And Voltage Waveforms
Figure 7-2. CLK Timing Waveform
122
Electrical Characteristics
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com