Electronic Components Datasheet Search
  English  ▼

X  

PTH04070WAZ Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PTH04070WAZ
Description  3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04070WAZ Datasheet(HTML) 8 Page - Texas Instruments

Back Button PTH04070WAZ Datasheet HTML 4Page - Texas Instruments PTH04070WAZ Datasheet HTML 5Page - Texas Instruments PTH04070WAZ Datasheet HTML 6Page - Texas Instruments PTH04070WAZ Datasheet HTML 7Page - Texas Instruments PTH04070WAZ Datasheet HTML 8Page - Texas Instruments PTH04070WAZ Datasheet HTML 9Page - Texas Instruments PTH04070WAZ Datasheet HTML 10Page - Texas Instruments PTH04070WAZ Datasheet HTML 11Page - Texas Instruments PTH04070WAZ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.ti.com
PTH04070W
SLTS227B – SEPTEMBER 2004 – REVISED OCTOBER 2007
Table 2. Calculated Set-Point Resistor Values
VO Req'd
RSET (kΩ)
VO Req'd
RSET(kΩ)
VO Req'd
RSET(kΩ)
(V)
(V)
(V)
0.900
Open
1.475
12.3
2.55
2.16
0.925
353
1.50
11.6
2.60
2.00
0.950
175
1.55
10.5
2.65
1.85
0.975
116
1.60
9.49
2.70
1.71
1.000
85.9
1.65
8.64
2.75
1.58
1.025
68.0
1.70
7.90
2.80
1.45
1.050
56.2
1.75
7.24
2.85
1.33
1.075
47.7
1.80
6.66
2.90
1.22
1.100
41.3
1.85
6.14
2.95
1.11
1.125
36.4
1.90
5.67
3.00
1.00
1.150
32.4
1.95
5.25
3.05
0.904
1.175
29.2
2.00
4.86
3.10
0.810
1.200
26.5
2.05
4.51
3.15
0.720
1.225
24.2
2.10
4.19
3.20
0.634
1.250
22.2
2.15
3.89
3.25
0.551
1.275
20.5
2.20
3.61
3.30
0.473
1.300
19.0
2.25
3.36
3.35
0.397
1.325
17.7
2.30
3.12
3.40
0.324
1.350
16.6
2.35
2.90
3.45
0.254
1.375
15.5
2.40
2.70
3.50
0.187
1.400
14.6
2.45
2.51
3.55
0.122
1.425
13.7
2.50
2.33
3.60
0.060
1.450
13.0
8
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Link(s): PTH04070W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com