Electronic Components Datasheet Search
  English  ▼

X  

BLF177 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLF177
Description  HF/VHF power MOS transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF177 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLF177 Datasheet HTML 1Page - NXP Semiconductors BLF177 Datasheet HTML 2Page - NXP Semiconductors BLF177 Datasheet HTML 3Page - NXP Semiconductors BLF177 Datasheet HTML 4Page - NXP Semiconductors BLF177 Datasheet HTML 5Page - NXP Semiconductors BLF177 Datasheet HTML 6Page - NXP Semiconductors BLF177 Datasheet HTML 7Page - NXP Semiconductors BLF177 Datasheet HTML 8Page - NXP Semiconductors BLF177 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
NXP Semiconductors
Product specification
HF/VHF power MOS transistor
BLF177
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)DSS
drain-source breakdown voltage
ID = 100 mA; VGS = 0
125
−−
V
IDSS
drain-source leakage current
VGS = 0; VDS =50V
−−
2.5
mA
IGSS
gate-source leakage current
VGS = ±20 V; VDS =0
−−
1
µA
VGSth
gate-source threshold voltage
ID = 50 mA; VDS =10V
2
−
4.5
V
∆VGS
gate-source voltage difference of
matched pairs
ID = 50 mA; VDS =10V
−−
100
mV
gfs
forward transconductance
ID = 5 A; VDS = 10 V
4.5
6.2
−
S
RDSon
drain-source on-state resistance
ID = 5 A; VGS =10V
−
0.2
0.3
Ω
IDSX
on-state drain current
VGS = 10 V; VDS =10V
−
25
−
A
Cis
input capacitance
VGS = 0; VDS =50V; f=1MHz
−
480
−
pF
Cos
output capacitance
VGS = 0; VDS =50V; f=1MHz
−
190
−
pF
Crs
feedback capacitance
VGS = 0; VDS =50V; f=1MHz
−
14
−
pF
VGS group indication
GROUP
LIMITS
(V)
GROUP
LIMITS
(V)
MIN.
MAX.
MIN.
MAX.
A
2.0
2.1
O
3.3
3.4
B
2.1
2.2
P
3.4
3.5
C
2.2
2.3
Q
3.5
3.6
D
2.3
2.4
R
3.6
3.7
E
2.4
2.5
S
3.7
3.8
F
2.5
2.6
T
3.8
3.9
G
2.6
2.7
U
3.9
4.0
H
2.7
2.8
V
4.0
4.1
J
2.8
2.9
W
4.1
4.2
K
2.9
3.0
X
4.2
4.3
L
3.0
3.1
Y
4.3
4.4
M
3.1
3.2
Z
4.4
4.5
N
3.2
3.3
Rev. 06 - 24 January 2007
4 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com