Electronic Components Datasheet Search
  English  ▼

X  

BSR13 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BSR13
Description  NPN switching transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BSR13 Datasheet(HTML) 4 Page - NXP Semiconductors

  BSR13 Datasheet HTML 1Page - NXP Semiconductors BSR13 Datasheet HTML 2Page - NXP Semiconductors BSR13 Datasheet HTML 3Page - NXP Semiconductors BSR13 Datasheet HTML 4Page - NXP Semiconductors BSR13 Datasheet HTML 5Page - NXP Semiconductors BSR13 Datasheet HTML 6Page - NXP Semiconductors BSR13 Datasheet HTML 7Page - NXP Semiconductors BSR13 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2004 Jan 13
4
NXP Semiconductors
Product data sheet
NPN switching transistors
BSR13; BSR14
Note
1.
Pulse test: tp ≤ 300 µs; δ ≤ 0.02.
hFE
DC current gain
IC = 0.1 mA; VCE = 10 V; note 1
35
−
IC = 1 mA; VCE = 10 V; note 1
50
−
IC = 10 mA; VCE = 10 V; note 1
75
−
IC = 150 mA; VCE = 10 V; note 1
100
300
IC = 150 mA; VCE = 1 V; note 1
50
−
DC current gain
IC = 500 mA; VCE = 10 V; note 1
BSR13
30
−
BSR14
40
−
VCEsat
collector-emitter saturation voltage
IC = 150 mA; IB = 15 mA
BSR13
−
400
mV
BSR14
−
300
mV
collector-emitter saturation voltage
IC = 500 mA; IB = 50 mA
BSR13
−
1.6
V
BSR14
−
1
V
VBEsat
base-emitter saturation voltage
IC = 150 mA; IB = 15 mA
BSR13
−
1.3
V
BSR14
0.6
1.2
V
base-emitter saturation voltage
IC = 500 mA; IB = 50 mA
BSR13
−
2.6
V
BSR14
−
2
V
Cc
collector capacitance
IE = Ie = 0; VCB = 10 V; f = 1 MHz
−
8
pF
fT
transition frequency
IC = 20 mA; VCE = 20 V;
f = 100 MHz
BSR13
250
−
MHz
BSR14
300
−
MHz
Switching times (between 10% and 90% levels); see Fig.2
ton
turn-on time
ICon = 150 mA; IBon = 15 mA;
IBoff = −15 mA
−
35
ns
td
delay time
−
15
ns
tr
rise time
−
20
ns
toff
turn-off time
−
250
ns
ts
storage time
−
200
ns
tf
fall time
−
60
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com