Electronic Components Datasheet Search
  English  ▼

X  

BSR40 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BSR40
Description  NPN medium power transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BSR40 Datasheet(HTML) 2 Page - NXP Semiconductors

  BSR40 Datasheet HTML 1Page - NXP Semiconductors BSR40 Datasheet HTML 2Page - NXP Semiconductors BSR40 Datasheet HTML 3Page - NXP Semiconductors BSR40 Datasheet HTML 4Page - NXP Semiconductors BSR40 Datasheet HTML 5Page - NXP Semiconductors BSR40 Datasheet HTML 6Page - NXP Semiconductors BSR40 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2004 Dec 13
2
NXP Semiconductors
Product data sheet
NPN medium power transistors
BSR40; BSR41;
BSR42; BSR43
FEATURES
• High current (max. 1 A)
• Low voltage (max. 80 V).
APPLICATIONS
• Thick and thin-film circuits
• Telephony and general industrial applications.
DESCRIPTION
NPN medium power transistor in a SOT89 plastic
package. PNP complements: BSR30; BSR31 and BSR33.
MARKING
PINNING
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
BSR40
AR1
BSR42
AR3
BSR41
AR2
BSR43
AR4
PIN
DESCRIPTION
1
emitter
2
collector
3
base
sym042
1
2
3
321
Fig.1 Simplified outline (SOT89) and symbol.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BSR40
SC-62
plastic surface mounted package; collector pad for good heat
transfer; 3 leads
SOT89
BSR41
BSR42
BSR43



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com