Electronic Components Datasheet Search
  English  ▼

X  

M34 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # M34
Description  Wet Tantalum Capacitors Surface Mount, Molded Case
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M34 Datasheet(HTML) 1 Page - Vishay Siliconix

  M34 Datasheet HTML 1Page - Vishay Siliconix M34 Datasheet HTML 2Page - Vishay Siliconix M34 Datasheet HTML 3Page - Vishay Siliconix M34 Datasheet HTML 4Page - Vishay Siliconix M34 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
M34
Vishay
Wet Tantalum Capacitors Surface Mount, Molded Case
www.vishay.com
For technical questions, contact: wettants@vishay.com
Document Number: 40106
1
Revision: 11-Aug-09
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 °C to + 85 °C
(To + 125 °C with voltage derating.)
Capacitance Tolerance: At 120 Hz, + 25 °C, ± 20 %
standard, ± 10 %
DC Leakage Current (DCL Max.): At + 25 °C and above:
Leakage current shall not exceed the values listed in the
Standard Ratings Tables.
Life Test: Capacitors are capable of withstanding a 2000 h
life test at a temperature of + 85 °C or + 125 °C at the
applicable rated DC working voltage.
Following life test:
1. DCL, measured at + 85 °C rated voltage, shall not be in
excess of the original requirement.
2. The equivalent series resistance shall not exceed 150 %
of the initial requirement.
3. Change in capacitance shall not exceed 10 % from the
initial measurement.
FEATURES
• Terminations:
standard
tin/lead
(SnPb),
100
%
tin
(RoHS
compliant)
terminations
available
• Very high capacitance, 10 µF to 470 µF
6 V to 125 V, - 55 °C to + 125 °C
• Very low ESR
• High ripple current capability
• Low DCL
• Model M34 wet tantalum electrolytic chip capacitors
incorporate the advantages of all the varieties of
electrolytic
capacitors
and
eliminate
most
of
the
disadvantages. These units have a transient reverse
voltage capability and a higher ripple current capability
than any other electrolytic type with similar combinations of
capacitance and case size.
• Compliant to RoHS directive 2002/95/EC
APPLICATION NOTES
a) No continuous reverse voltage permissible.
b) Transient reverse voltage surges are acceptable under
the following conditions:
The peak reverse voltage does not exceed 1.5 V and the
peak current times the duration of the reverse transient
does not exceed 0.05 A. In addition, the repetition
frequency of the reverse voltage surge is less than 10 Hz.
c) The peak of the applied AC ripple and the applied DC
voltage must not exceed the DC voltage rating of
the capacitor.
* Pb containing terminations are not RoHS compliant, exemptions may apply
ORDERING INFORMATION
M34
C
826
M
125
B
Z
S
L
MODEL
CASE
CODE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT + 85 °C
TERMINATION
AND PACKAGING
RELIABILITY
LEVEL
TEMP
ESR
See
Ratings
and
Case
Codes
Table
This is
expressed in
picofarads. The
first two digits
are the
significant
figures. The
third is the
number of zeros
to follow
K = ± 10 %
M = ± 20 %
This is expressed in
volts. To complete the
three-digit block, zeros
precede the voltage
rating.
A = 100 % tin
(RoHS compliant),
bulk
B = Std, tin/lead,
bulk
Z = Non-ER
S = Std
S = Std
Packaging: The use of formed plastic trays for packing bulk components is standard.


Similar Part No. - M34

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M34 VISHAY-M34 Datasheet
91Kb / 5P
Wet Tantalum Capacitors Surface Mount, Molded Case
28-Jul-11
logo
Gamewell-FCI by Honeywe...
M34-104 GAMEWELL-FCI-M34-104 Datasheet
166Kb / 4P
Three-Fold Fire Alarm Boxes and Transmitters
M34-110 GAMEWELL-FCI-M34-110 Datasheet
166Kb / 4P
Three-Fold Fire Alarm Boxes and Transmitters
M34-111 GAMEWELL-FCI-M34-111 Datasheet
166Kb / 4P
Three-Fold Fire Alarm Boxes and Transmitters
M34-113 GAMEWELL-FCI-M34-113 Datasheet
166Kb / 4P
Three-Fold Fire Alarm Boxes and Transmitters
More results

Similar Description - M34

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M35 VISHAY-M35 Datasheet
75Kb / 5P
Wet Tantalum Capacitors Surface Mount, Molded Case
09-Sep-09
134D687X9050K6 VISHAY-134D687X9050K6 Datasheet
94Kb / 4P
Wet Tantalum HI-TMP Capacitors Tantalum Case
21-Mar-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
Wet Tantalum Capacitors Tantalum-Case
09-Apr-13
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
Wet Tantalum Capacitors Tantalum-Case
09-Apr-13
M34C476K060BZSS VISHAY-M34C476K060BZSS Datasheet
91Kb / 5P
Wet Tantalum Capacitors Surface Mount, Molded Case
28-Jul-11
M34C107K030BZSS VISHAY-M34C107K030BZSS Datasheet
91Kb / 5P
Wet Tantalum Capacitors Surface Mount, Molded Case
28-Jul-11
136D VISHAY-136D Datasheet
109Kb / 7P
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C Operation, Low ESR
05-Dec-14
DLA19001 VISHAY-DLA19001 Datasheet
129Kb / 7P
Wet Tantalum SMD Capacitors, Tantalum Metal Case with Glass-to-Tantalum Hermetic Seal, DLA Approved
18-Jun-2019
DLA15005 VISHAY-DLA15005 Datasheet
108Kb / 4P
Wet Tantalum Capacitors, Ultra-High Capacitance, Tantalum Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C, DLA Approved
09-Dec-16
T16 VISHAY-T16 Datasheet
96Kb / 5P
Wet Tantalum Capacitors, Extended Capacitance, Tantalum Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C
06-Jul-2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com