Electronic Components Datasheet Search
  English  ▼

X  

BUJ100LR Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BUJ100LR
Description  Silicon diffused power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUJ100LR Datasheet(HTML) 2 Page - NXP Semiconductors

  BUJ100LR Datasheet HTML 1Page - NXP Semiconductors BUJ100LR Datasheet HTML 2Page - NXP Semiconductors BUJ100LR Datasheet HTML 3Page - NXP Semiconductors BUJ100LR Datasheet HTML 4Page - NXP Semiconductors BUJ100LR Datasheet HTML 5Page - NXP Semiconductors BUJ100LR Datasheet HTML 6Page - NXP Semiconductors BUJ100LR Datasheet HTML 7Page - NXP Semiconductors BUJ100LR Datasheet HTML 8Page - NXP Semiconductors BUJ100LR Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
BUJ100LR_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 12 August 2009
2 of 11
NXP Semiconductors
BUJ100LR
Silicon diffused power transistor
2.
Pinning information
3.
Ordering information
4.
Limiting values
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1B
base
SOT54
(TO-92)
2
C
collector
3
E
emitter
1
2
3
sym123
C
E
B
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BUJ100LR
TO-92
plastic single-ended leaded (through hole) package; 3 leads
SOT54
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCESM
collector-emitter peak
voltage
VBE =0V
-
700
V
VCBO
collector-base voltage
IE =0A
-
700
V
VCEO
collector-emitter
voltage
IB =0A
-
400
V
IC
collector current
DC; see Figure 1
-1
A
ICM
peak collector current
-
2
A
IB
base current
-0.5
A
IBM
peak base current
-
1
A
Ptot
total power dissipation
Tlead ≤ 25 °C; see Figure 2
-2.1
W
Tstg
storage temperature
-65
150
°C
Tj
junction temperature
-
150
°C
VEBO
emitter-base voltage
IC = 0 A; I(Emitter) = 10 mA
-
9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com