Electronic Components Datasheet Search
  English  ▼

X  

PD84006L-E Datasheet(PDF) 9 Page - STMicroelectronics

Part # PD84006L-E
Description  RF power transistor, LDmoST plastic family
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD84006L-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PD84006L-E Datasheet HTML 5Page - STMicroelectronics PD84006L-E Datasheet HTML 6Page - STMicroelectronics PD84006L-E Datasheet HTML 7Page - STMicroelectronics PD84006L-E Datasheet HTML 8Page - STMicroelectronics PD84006L-E Datasheet HTML 9Page - STMicroelectronics PD84006L-E Datasheet HTML 10Page - STMicroelectronics PD84006L-E Datasheet HTML 11Page - STMicroelectronics PD84006L-E Datasheet HTML 12Page - STMicroelectronics PD84006L-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
PD84006L-E
Test circuit
9/16
Component ID
Description
Value
Case size
Manufacturer
Part code
R1
Resistor
56
Ω
0603
Tyco electronics
R2
Potentiometer
10 K
Ω
Bourns electronics
3214W-1-103E
R3
Resistor
1 K
0603
Tyco electronics
01623440-1
TL1
Transmission line
W=0.92mm
L= 13,50 mm
TL2
Transmission line
W=0.92mm
L= 3,15 mm
TL3
Transmission line
W=0.92mm
L= 2,90 mm
TL4
Transmission line
W=0.92mm
L= 2,00 mm
TL5
Transmission line
W=0.92mm
L= 2,20 mm
TL6
Transmission line
W=0.92mm
L= 13,20 mm
RF in, RF out
SMA-CONN
50
Ω
60 mils
JOHNSON
142-0701-801
PD84006L-E
LDMOS
STMicroelectronics
PD84006L-E
Board
FR-4 THk=0.020" 2OZ Cu both sides
Table 9.
Part list (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com