Electronic Components Datasheet Search
  English  ▼

X  

PD85004 Datasheet(PDF) 10 Page - STMicroelectronics

Part # PD85004
Description  RF power transistor the LdmoST plastic family
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD85004 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PD85004 Datasheet HTML 6Page - STMicroelectronics PD85004 Datasheet HTML 7Page - STMicroelectronics PD85004 Datasheet HTML 8Page - STMicroelectronics PD85004 Datasheet HTML 9Page - STMicroelectronics PD85004 Datasheet HTML 10Page - STMicroelectronics PD85004 Datasheet HTML 11Page - STMicroelectronics PD85004 Datasheet HTML 12Page - STMicroelectronics PD85004 Datasheet HTML 13Page - STMicroelectronics PD85004 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Schematic and BOM
PD85004
10/18
Table 9.
Components part list
Component ID
Description
Value
Case size
Manufacturer
Part code
B1
Ferrite bead
Panasonic
EXCELDRC35C
B2
Ferrite bead
Panasonic
EXCELDRC35C
C1, C2
Capacitor
120 pF
0603
Murata
GRM39-C0G121J50D500
C3
Capacitor
1 nF
0603
Murata
GRM39-X7R102K50C560
C4
Capacitor
10 nF
0603
Murata
GRM39-X7R103K50C560
C5
Capacitor
10 uF
SMT
Panasonic
EEVHB1V100P
C6, C7
Capacitor
39 pF
0603
Murata
GRM39-C0G390J50D500
C8
Capacitor
3.3 pF
0603
Murata
GRM39-C0G3R3C50Z500
C9
Capacitor
12 pF
0603
Murata
GRM39-C0G120J50D500
C10
Capacitor
22 pF
0603
Murata
GRM39-C0G220J50D500
C11
Capacitor
6,8 pF
0603
Murata
GRM39-C0G6R8D50Z500
C12
Capacitor
1,5 pF
0603
Murata
GRM39-C0G1R5C50Z500
L1
Inductor
12.55 nH
Coilcraft
1606-10
R1
Resistor
150
Ω
0603
Tyco electronics
R2
Potentiometer
10 K
Ω
Bourns electronics
3214W-1-103E
R3
Resistor
1 K
0603
Tyco electronics
01623440-1
TL1
Transmission
Line
W= 0.92 mm
L = 13.6 mm
TL2
W=0.92 mm
L = 3.5 mm
TL3
W=0.92 mm
L = 4.2 mm
TL4
W=0.92 mm
L = 3.8 mm
TL5
W=0.92 mm
L = 4.2 mm
TL6
W=0.92 mm
L = 11.3 mm
RF in, RF out
SMA-CONN
50
Ω
60 mils
JOHNSON
142-0701-801
PD85004
LDMOS
STMicroelectronics
PD85004
Board
FR-4 THk = 0.020" 2 OZ Cu both sides



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com