Electronic Components Datasheet Search
  English  ▼

X  

FDSAS2062 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # FDSAS2062
Description  2.5V CMOS Low-Jitter 62.5 MHz SAS-2 XO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

FDSAS2062 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  FDSAS2062 Datasheet HTML 1Page - Pericom Semiconductor Corporation FDSAS2062 Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All specifications are subject to change without notice.
FDSAS2062
Rev C
05/13/10
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888
• www.pericom.com
2.5V CMOS Low-Jitter 62.5 MHz SAS-2 XO
FDSAS2062
Application Specific Crystal Oscillator 5.0 x 3.2mm
TM
Product Features
• Very low phase jitter - 0.5ps RMS
• Thicker crystal for improved reliability
• Low output current - 15mA max.
• Low power stand by mode
• Industrial Temperature Range
• Pb-free & RoHS compliant
Product Description
This is an enhanced high-frequency 3.3V,
62.5MHz crystal clock oscillator with superb
jitter and low operating current for Serial
Attached SCSI (SAS-1 & SAS-2) applications.
The output clock signal, generated internally
with a patented oscillator design, is
compatible with LVCMOS logic levels.
Applications
• SAS-2 Hard Disk Drive
Package:
Pin Functions:
Pin
Function
1
OE Function
2
Ground
3
Clock Output
4
VDD
Recommended Land Pattern:
Part Ordering Information:
FDSAS2062
*Extended high frequency power decoupling is recommended (see test circuit for minimum
recommendation). To ensure optimal performance, do not route RF traces beneath the
package.
5.0 x 3.2mm Ceramic SMD
ASSP XO™ for Storage
1


Similar Part No. - FDSAS2062

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
FDSAS6062 PERICOM-FDSAS6062 Datasheet
587Kb / 2P
1.8V CMOS Low-Jitter 62.5 MHz SAS2/SATA3 XO
logo
Diodes Incorporated
FDSAS6062 DIODES-FDSAS6062 Datasheet
356Kb / 2P
1.8V CMOS Low-Jitter 62.5 MHz SAS2/SATA3 XO
Rev A 06/18/10
More results

Similar Description - FDSAS2062

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
FDSAS6062 PERICOM-FDSAS6062 Datasheet
587Kb / 2P
1.8V CMOS Low-Jitter 62.5 MHz SAS2/SATA3 XO
FNSAS2075 PERICOM-FNSAS2075 Datasheet
544Kb / 2P
3.3V CMOS Low-Jitter 75 MHz SAS-2 XO
FNSURV054 PERICOM-FNSURV054 Datasheet
552Kb / 2P
3.3V CMOS Low-Jitter 54 MHz MPEG4 XO
SNSAS2150 PERICOM-SNSAS2150 Datasheet
563Kb / 2P
3.3V PECL Low Jitter 150MHz SAS-2 XO
FD-2.5V PERICOM-FD-2.5V Datasheet
259Kb / 3P
2.5V CMOS Low Jitter XO
FDQ-2.5V PERICOM-FDQ-2.5V Datasheet
982Kb / 2P
2.5V CMOS Low Jitter XO
FJ-2.5V PERICOM-FJ-2.5V Datasheet
601Kb / 2P
2.5V CMOS Low Jitter XO
FK-2.5V PERICOM-FK-2.5V Datasheet
643Kb / 2P
2.5V CMOS Low Jitter XO
FKQ-2.5V PERICOM-FKQ-2.5V Datasheet
857Kb / 2P
2.5V CMOS Low Jitter XO
logo
Diodes Incorporated
FDSAS6062 DIODES-FDSAS6062 Datasheet
356Kb / 2P
1.8V CMOS Low-Jitter 62.5 MHz SAS2/SATA3 XO
Rev A 06/18/10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com