Electronic Components Datasheet Search
  English  ▼

X  

SS461C Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # SS461C
Description  High Sensitivity Bipolar Latching,Hall-Effect Digital Sensor ICs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS461C Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  SS461C Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS461C Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS461C Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS461C Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.honeywell.com/sensing
Table 1. SS361CT/SS461C Performance Specifications (At 4 Vdc to 24 Vdc supply, 20 mA load, T
A = -40 ºC to 125 ºC
[-40 ºF to 257 ºF] except where otherwise specified.
Characteristic
Condition
Min.
Typ.
Max.
Unit
Supply voltage
-40 °C to 125 °C [-40 °F to 257 °F]
4
24
Vdc
Supply current
Vsupply = 5 V at 25 °C [77 °F]
Vsupply = 3 V at 25 °C [77 °F]
4
3.5
6
5
8
mA
Vsat
Gauss >95
0.4
V
Output leakage current
Gauss >95
10
µA
Rise/fall time
rise
fall
Vsupply = 12 V at 25 °C [77 °F]
R
L =1.6 KOhm, CL = 20 pF
1.5
1.5
1.5
µs
Operate
-40 °C to 85 °C [-40 °F to 185 °F]
5
50
80
Gauss
-40 °C to 125 °C [-40 °F to 257 °F]
5
50
95
Release
-40 °C to 85 °C [-40 °F to 185 °F]
-80
-50
-5
Gauss
-40 °C to 125 °C [-40 °F to 257 °F]
-95
-50
-5
Differential
-40 °C to 85 °C [-40 °F to 185 °F]
50
100
160
Gauss
-40 °C to 125 °C [-40 °F to 257 °F]
50
100
190
Operating temperature
Vsupply = 4 Vdc to 24 Vdc
-40 [-40]
125 [257]
°C [°F]
Storage temperature
-40 [-40]
150 [302]
°C [°F]
NOTICE
Bipolar Hall-effect sensor ICs may have an initial output in either the ON or OFF state if powered up with an applied magnetic
field in the differential zone (applied magnetic field >Brp and <Bop). Honeywell recommends allowing 10 µs for output voltage to
stabilize after supply voltage has reached 5 V.
NOTICE
The magnetic field strength (Gauss) required to cause the switch to change state (operate
and release) will be as specified in the magnetic characteristics. To test the switch against
the specified magnetic characteristics, the switch must be placed in a uniform magnetic
field.
Table 2. SS361CT/SS461C Absolute Maximum Ratings
1
Characteristic
Min.
Typ.
Max.
Unit
Supply voltage
-26.0
28.0
V
Applied output voltage
-0.5
28.0
V
Output current
20
mA
Magnetic flux
no limit
Gauss
Note 1:
Absolute maximum ratings are the extreme limits that the device will withstand without damage to the device. However, the
electrical and mechanical characteristics are not guaranteed as the maximum limits (above recommended operating conditions)
are approached, nor will the device necessarily operate at absolute maximum ratings.
Figure 1. Typical Magnetic Characteristics
Figure 2. Current Sinking Output Block Diagram



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com