Electronic Components Datasheet Search
  English  ▼

X  

ISL80102IR15Z Datasheet(PDF) 13 Page - Intersil Corporation

Part # ISL80102IR15Z
Description  High Performance 2A and 3A Linear Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80102IR15Z Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ISL80102IR15Z Datasheet HTML 7Page - Intersil Corporation ISL80102IR15Z Datasheet HTML 8Page - Intersil Corporation ISL80102IR15Z Datasheet HTML 9Page - Intersil Corporation ISL80102IR15Z Datasheet HTML 10Page - Intersil Corporation ISL80102IR15Z Datasheet HTML 11Page - Intersil Corporation ISL80102IR15Z Datasheet HTML 12Page - Intersil Corporation ISL80102IR15Z Datasheet HTML 13Page - Intersil Corporation ISL80102IR15Z Datasheet HTML 14Page - Intersil Corporation ISL80102IR15Z Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ISL80102, ISL80103
13
Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems as noted
in the quality certifications found at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications
at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by
Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any
infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any
patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6660.1
March 22, 2010
For additional products, see www.intersil.com/product_tree
frequencies and/or load transient AC output voltage
tolerances.
INPUT CAPACITOR
The minimum input capacitor required for proper
operation is 10µF having a ceramic dielectric. This
minimum capacitor must be connected to VIN and
ground pins of the LDO with PCB traces no longer than
0.5cm.
Phase Boost Capacitor (Optional)
The ISL80102 and ISL80103 are designed to be stable
with 10µF or larger ceramic capacitor.
Applications using the ADJ versions, may see improved
performance with the addition of a small ceramic
capacitor CPB as shown in Figure 1 on page 3. The
conditions where CPB may be beneficial are: (1) VOUT >
1.5V, (2) COUT = 10µF, and (3) tight AC voltage
regulation band.
CPB introduces phase lead with the product of R3 and
CPB that results in increasing the bandwidth of the LDO.
Typical R3 x CPB should be 4μs.
CPB not recommended for VOUT < 1.5V.
Current Limit Protection
The ISL80102, ISL80103 family of LDOs incorporates
protection against overcurrent due to short, overload
condition applied to the output and the in-rush current
that occurs at start-up. The LDO performs as a constant
current source when the output current exceeds the
current limit threshold noted in the “Electrical
Specifications” table on page 4. If the short or overload
condition is removed from VOUT, then the output returns
to normal voltage mode regulation. In the event of an
overload condition, the LDO might begin to cycle on and
off due to the die temperature exceeding the thermal
fault condition. The TO220/263 package will tolerate
higher levels of power dissipation on the die which may
never thermal cycle if the heatsink of this larger package
can keep the die temperature below the specified typical
thermal shutdown temperature.
Power Dissipation and Thermals
The junction temperature must not exceed the range
specified in the “Recommended Operating Conditions
(Note 10)” on page 4. The power dissipation can be
calculated by using Equation 3:
The maximum allowable junction temperature, TJ(MAX)
and the maximum expected ambient temperature,
TA(MAX) will determine the maximum allowable power
dissipation as shown in Equation 4:
Where θJA is the junction-to-ambient thermal
resistance.
For safe operation, please make sure that power
dissipation calculated in Equation 3, PD be less than the
maximum allowable power dissipation PD(MAX).
The DFN package uses the copper area on the PCB as a
heat-sink. The EPAD of this package must be soldered to
the copper plane (GND plane) for heat sinking. Figure 39
shows a curve for the θJA of the DFN package for
different copper area sizes.
Thermal Fault Protection
In the event the die temperature exceeds typically
+160°C, then the output of the LDO will shut down until
the die temperature can cool down to typically +145°C.
The level of power combined with the thermal impedance
of the package (+48°C/W for DFN) will determine if the
junction temperature exceeds the thermal shutdown
temperature.
P
D
V
IN
V
OUT
–
() I
OUT
V
IN
I
GND
×
+
×
=
(EQ. 3)
P
DMAX
()
T
JMAX
() TA
–
() θ
JA
⁄
=
(EQ. 4)
FIGURE 39. 3mmx3mm-10 PIN DFN ON 4-LAYER PCB
WITH THERMAL VIAS θJA vs EPAD-MOUNT
COPPER LAND AREA ON PCB
46
44
42
40
38
36
34
2
4
6
8
10
12
14
16
18
20
22
24
EPAD-MOUNT COPPER LAND AREA ON PCB, mm
2
ISL80102, ISL80103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com