Electronic Components Datasheet Search
  English  ▼

X  

1024055H3PL Datasheet(PDF) 1 Page - 3M Electronics

Part # 1024055H3PL
Description  3M Mini D Ribbon (MDR) Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

1024055H3PL Datasheet(HTML) 1 Page - 3M Electronics

  1024055H3PL Datasheet HTML 1Page - 3M Electronics 1024055H3PL Datasheet HTML 2Page - 3M Electronics 1024055H3PL Datasheet HTML 3Page - 3M Electronics 1024055H3PL Datasheet HTML 4Page - 3M Electronics 1024055H3PL Datasheet HTML 5Page - 3M Electronics 1024055H3PL Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Mini D Ribbon (MDR) Connectors
.050
″ Boardmount Through-Hole Right Angle Receptacle - Shielded
102 Series
Physical
Electrical
Environmental
Insulation Material: Glass Reinforced Polyester (PCT)
Flammability: UL 94V-0
Color: See ordering information
Contact Material:
Copper Alloy
Plating
Underplating: See ordering information
Wiping Area: See ordering information
Solder Tail Plating: Gold Flash over Nickel (RIA E1 & C1 apply)
Shroud and Latch Hook
Material: Steel
Plating: Nickel
Ground Lock Material: Copper Alloy
Plating: Tin in combination with gold flash plated tail
Marking:
3M Logo and Part Number
Current Rating:
1 A
Insulation Resistance: > 5
× 108Ω at 500 V
DC
Withstanding Voltage: 500 VRMS for 1 Minute
Temperature Rating:
-55
°C to +105°C
Process Rating:
260
°C (profile per J-STD-020C)
TS-0621-C
Sheet 1 of 3
• Wiper-on-wiper contact for reliable repetitive
plugging
• Surface mount compatible PCT insulator
material
• Ground lock PCB retention
• Interface latch design for connection stability
• MDR digital LCD interface as a 20 or 26
contact connector
• Contacts: 14, 20, 26, 36, 40, 50 and 68
• See Regulatory Information Appendix (RIA)
for chemical compliance information.
Date Modified: November 15, 2007
UL File No.: E68080


Similar Part No. - 1024055H3PL

ManufacturerPart #DatasheetDescription
logo
SICK AG
1024058 SICK-1024058 Datasheet
1Mb / 7P
MEASURING AUTOMATION LIGHT GRIDS
2016-01-29
More results

Similar Description - 1024055H3PL

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3341-XX 3M-3341-XX Datasheet
58Kb / 3P
3M Mini D Ribbon (MDR) Connectors
10120-5212VC 3M-10120-5212VC Datasheet
200Kb / 5P
3M Mini D Ribbon (MDR) Connectors
30-May-2003
10214-55G3JL 3M-10214-55G3JL Datasheet
532Kb / 4P
3M Mini D Ribbon (MDR) Connectors
05-Apr-2005
10214-6202VC 3M-10214-6202VC Datasheet
395Kb / 4P
3M Mini D Ribbon (MDR) Connectors
05-Apr-2005
10214-1S10PL 3M-10214-1S10PL Datasheet
979Kb / 6P
3M Mini D Ribbon (MDR) Connectors
20-Dec-2007
10268-5JBEPC 3M-10268-5JBEPC Datasheet
812Kb / 4P
3M Mini D Ribbon (MDR) Connectors
21-Jul-2009
10314-52F0-008 3M-10314-52F0-008 Datasheet
309Kb / 3P
3M Mini D Ribbon (MDR) Connectors
10-May-2005
N102A0-52B2VC 3M-N102A0-52B2VC Datasheet
440Kb / 4P
3M Mini D Ribbon (MDR) Connectors
05-Apr-2005
10336-3210 3M-10336-3210 Datasheet
312Kb / 3P
3M Mini D Ribbon (MDR) Connectors
31-Jan-2006
N10226-5213PC 3M-N10226-5213PC Datasheet
399Kb / 6P
3M Mini D Ribbon (MDR) Connectors
15-Nov-2007
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com