Electronic Components Datasheet Search
  English  ▼

X  

1024055H3PC Datasheet(PDF) 3 Page - 3M Electronics

Part # 1024055H3PC
Description  3M Mini D Ribbon (MDR) Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

1024055H3PC Datasheet(HTML) 3 Page - 3M Electronics

  1024055H3PC Datasheet HTML 1Page - 3M Electronics 1024055H3PC Datasheet HTML 2Page - 3M Electronics 1024055H3PC Datasheet HTML 3Page - 3M Electronics 1024055H3PC Datasheet HTML 4Page - 3M Electronics 1024055H3PC Datasheet HTML 5Page - 3M Electronics 1024055H3PC Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Mini D Ribbon (MDR) Connectors
.050
″ Boardmount Through-Hole Right Angle Receptacle - Shielded
102 Series
Position 3
Position 2
Position 1
B
± .004
A
.050 Typ
[1.27]
Ø .028
± .004
[0.71]
(See Note)*
2X Ø.110
± .004
[2.80]
2X .16
[4.1]
2X .19
[4.8]
Last Position
0
Edge of PC Board
.19 Max
[4.8]
3X .075
[1.91]
2X .16
[4.0]
For 20, 36, 40, & 68 Positions
Recommended Board Layout
(Viewed from Connector Side)
For 14, 26, & 50 Positions
2X .20
[5.0]
Ø.028
± .004
[0.71]
(See Note)*
2X Ø.110
± .004
[2.80]
2X .16
[4.1]
.19
[4.8]
B
± .004
A
.050 Typ
[1.27]
Last Position
Position 3
Position 2
Position 1
2X .16
[4.0]
.2X 20
[5.0]
3X .075
[1.91]
.19 Max
[4.8]
Edge of PC Board
0
R .060
[ 1.5 ]
C
± .004
B
± .004
.319
± .004
[8.10]
Recommended Panel Cut-Out
*Note: Plated-through mounting holes for .062 [1.57] PC board thickness
Position
Position
Note: Panel thickness .079 [2.00] Max.
TS-0621-C
Sheet 3 of 3
AB
C
14
.300 [7.62]
.931 [23.64]
.78 [19.9]
20
.450 [11.43]
1.081 [27.45]
.94 [23.8]
26
.600 [15.24]
1.231 [31.26]
1.09 [27.6]
36
.850 [21.59]
1.481 [37.61]
1.33 [33.9]
40
.950 [24.13]
1.581 [40.15]
1.44 [36.5]
50
1.200 [30.48]
1.831 [46.50]
1.69 [42.8]
68
1.650 [41.91]
2.281 [57.93]
2.13 [54.2]
Contact
Quantity
Dimensions
.0
.00
.000
Inch
±.1
±.01 ±.005
Inch
[mm]
Tolerance Unless Noted
[ ] Dimensions for Reference
Only



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com