Electronic Components Datasheet Search
  English  ▼

X  

LT1468 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1468
Description  18-Bit SoftSpan IOUT DAC with Parallel I/O
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1468 Datasheet(HTML) 3 Page - Linear Technology

  LT1468 Datasheet HTML 1Page - Linear Technology LT1468 Datasheet HTML 2Page - Linear Technology LT1468 Datasheet HTML 3Page - Linear Technology LT1468 Datasheet HTML 4Page - Linear Technology LT1468 Datasheet HTML 5Page - Linear Technology LT1468 Datasheet HTML 6Page - Linear Technology LT1468 Datasheet HTML 7Page - Linear Technology LT1468 Datasheet HTML 8Page - Linear Technology LT1468 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC2757
3
2757f
ELECTRICAL CHARACTERISTICS V
DD = 5V, V(RIN) = 5V unless otherwise specified. The l denotes the
specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
LTC2757B
LTC2757A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Static Performance
Resolution
l
18
18
Bits
Monotonicity
l
18
18
Bits
DNL
Differential Nonlinearity
l
±1
±0.4
±1
LSB
INL
Integral Nonlinearity
l
±2
±0.4
±1
LSB
GE
Gain Error
GEADJ: 0V, All Output Ranges
l
±48
±5
±32
LSB
GETC
Gain Error Temperature Coefficient
(Note 3)
±0.25
±0.25
ppm/°C
BZE
Bipolar Zero Error
All Bipolar Ranges
l
±36
±3
±24
LSB
BZSTC
Bipolar Zero Temperature Coefficient
(Note 3)
±0.15
±0.15
ppm/°C
PSR
Power Supply Rejection
VDD = 5V, ±10%
VDD = 3V, ±10%
l
l
±1.6
±4
±0.15
±0.4
±0.8
±2
LSB/V
ILKG
IOUT1 Leakage Current
TA = 25°C
TMIN to TMAX
l
±0.05
±2
±5
±0.05
±2
±5
nA
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Analog Pins
R1, R2
Reference Inverting Resistors
(Note 4)
l
16
20
k
Ω
RREF
DAC Input Resistance
(Note 5)
l
810
k
Ω
RFB
Feedback Resistor
(Note 6)
l
810
k
Ω
ROFS
Bipolar Offset Resistor
(Note 6)
l
16
20
k
Ω
RVOSADJ
Offset Adjust Resistor
l
1024
1280
k
Ω
RGEADJ
Gain Adjust Resistor
l
2048
2560
k
Ω
CIOUT1
Output Capacitance
Full-Scale
Zero-Scale
90
40
pF
pF
Dynamic Performance
Output Settling Time
Span Code = 000, 10V Step (Note 7)
To ±0.0004% FS
2.1
μs
Glitch Impulse
VDD = 5V (Note 8)
VDD = 3V (Note 8)
3
1.4
nV•s
nV•s
Digital-to-Analog Glitch Impulse
VDD = 5V (Note 9)
VDD = 3V (Note 9)
4
1.8
nV•s
nV•s
Reference Multiplying Bandwidth
0V to 5V Range, Code = Full-Scale, –3dB Bandwidth
1
MHz
Multiplying Feedthrough Error
0V to 5V Range, VREF = ±10V, 10kHz Sine Wave
0.4
mV
THD
Total Harmonic Distortion
(Note 10) Multiplying
–110
dB
Output Noise Voltage Density
(Note 11) at IOUT1
13
nV/√Hz
VDD = 5V, V(RIN) = 5V unless otherwise specified. The l denotes specifications that apply over the full operating temperature range,
otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com