Electronic Components Datasheet Search
  English  ▼

X  

ZTX321 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZTX321
Description  NPN SILICON PLANAR HIGH SPEED SWITCHING TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZTX321 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZTX321 Datasheet HTML 1Page - Zetex Semiconductors ZTX321 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NPN SILICON PLANAR
HIGH SPEED SWITCHING TRANSISTORS
ISSUE 3 – APRIL 94
FEATURES
* 15 Volt VCEO
*fT=600 MHz
APPLICATIONS
* VHF/UHF operation
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
15
V
Emitter-Base Voltage
VEBO
3V
Base Current
IB
100
mA
Continuous Collector Current
IC
500
mA
Power Dissipation at Tamb=25°C
Ptot
300
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +175
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL
MIN.
MAX.
UNIT CONDITIONS.
Collector-Base Breakdown Voltage
V(BR)CBO
30
V
IC=10µA, IE=0
Collector-Emitter Sustaining Voltage
VCEO(SUS) 15
V
IC=10mA, IB=0
Emitter-Base Breakdown Voltage
V(BR)EBO
3V
IE=10µA, IC=0
Collector Cut-Off Current
ICBO
0.01
µ
A
VCB=15V, IE=0
Emitter Cut-Off Current
IEBO
0.2
µ
A
VEB=2V, IC=0
Collector-Emitter
Saturation Voltage
ZTX320, ZTX322
ZTX323
ZTX321
VCE(sat)
0.4
0.4
0.4
V
V
V
IC=10mA, IB=1mA
IC=10mA, IB=1mA
IC=3mA, IB=0.3mA
Base-Emitter
Saturation Voltage
ZTX320, ZTX322
ZTX323
ZTX321
VBE(sat)
1.0
1.0
1.0
V
V
V
IC=10mA, IB=1mA
IC=10mA, IB=1mA
IC=3mA, IB=0.3mA
Static Forward
Current Transfer
Ratio
ZTX320, ZTX321
ZTX322
ZTX323
hFE
20
20
100
300
150
300
IC=3mA, VCE=1V
IC=3mA, VCE=1V
IC=3mA, VCE=1V
Output Capacitance
Cobo
1.7
pF
VCB=10V, f=1MHz
Input Capacitance
Cibo
1.6
pF
VEB=0.5V, f=1MHz
Transition Frequency at f=100MHz
fT
600
400
MHz
MHz
IC=4mA, VCE=10V
IC=30mA, VCE=10V
Noise Figure
N
6
dB
IE=1mA, VCE=6V
RS=400Ω, f=60MHz
Power Gain
gpe
typical
15
dB
IC=6mA, VCB=12V
f=200MHz
E-Line
TO92 Compatible
ZTX320 ZTX321
ZTX322 ZTX323
3-159
C
B
E
TYPICAL CHARACTERISTICS
fT v IC
IC (mA)
0
5
10
15
20
25
800
600
400
0
200
1000
VCE=10V
f=100MHz
0.1
0.2
0.3
0.4
T - Temperature (°C)
0
-60
-20
20
60
100
140
180
0
Derating Curve
ZTX320 ZTX321
ZTX322 ZTX323
3-160



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com