Electronic Components Datasheet Search
  English  ▼

X  

CS1500 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS1500
Description  Digital Power Factor Correction IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1500 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS1500 Datasheet HTML 6Page - Cirrus Logic CS1500 Datasheet HTML 7Page - Cirrus Logic CS1500 Datasheet HTML 8Page - Cirrus Logic CS1500 Datasheet HTML 9Page - Cirrus Logic CS1500 Datasheet HTML 10Page - Cirrus Logic CS1500 Datasheet HTML 11Page - Cirrus Logic CS1500 Datasheet HTML 12Page - Cirrus Logic CS1500 Datasheet HTML 13Page - Cirrus Logic CS1500 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
CS1500
10
DS849A5
May ?$shortyear>
CONFIDENTIAL
or more series elements if voltage breakdown or regulatory
compliance is of concern.
It is recommended that a ceramic capacitor of up to 2.2 nF be
placed between the IAC pin and the VDD pin to filter noise in
the layout.
3.8
Brownout Protection
Figure 17 illustrates the brownout protection mechanism
whereby the CS1500 enters standby, and upon recovery from
brownout, enters normal operation mode. In order to avoid the
fault trigger, a digital filter is added for line voltage detection.
The measured peak of the line voltage will be clamped to a
threshold (128 V) set by the IC within half of a line cycle if it is
higher than the threshold. It then decreases the voltage with a
slew rate of 5 V / trough (8 ms). The CS1500 initiates a timer
when the measured voltage falls below the lower brownout
threshold. The IC asserts the brownout protection and stops
the gate drive only if the timer reaches more than 56 ms,
which is set by the algorithm based on minimum line
frequency.
During the brownout state, the device continues monitoring
the input line voltage. The device exits the brownout state
when the input voltage peak value exceeds the brownout
upper threshold for at least 56 ms.
The maximum response time of the brownout protection
normally happens at light load conditions. It can be calculated
by the following equation:
In the brownout state, the PFC gate driver will restart every 3
seconds, trying to regulate Vlink to nominal value.
Figure 17. Brownout Sequence
3.9
Overpower Protection
During normal operation, if the load is increased beyond the
overpower threshold, the output voltage starts falling. When the
output voltage is below the startup threshold voltage, the CS1500
switches to startup mode and the output voltage will rise back
again to the nominal value and will operate in normal mode if the
load is reduced to a normal level. Otherwise, the PFC oscillates
between startup mode and normal mode and the digital engine
declares the overpower condition. When the overpower
protection is asserted, the IC stops gate drive, goes into a low-
power state, and restarts every 3 seconds. In the case of an
intermittent or minor fault, the device will continue to regulate the
output voltage (Vlink) to its nominal value.
If the PFC remains in startup mode for longer than a given
time, set by the digital controller, it senses an overload
condition and initiates the overpower protection.
The CS1500 has the ability to ensure nearly constant
overpower constraint over a wide range of line voltages, as
shown in Figure 19.
Figure 18. Overpower Protection Mechanism
Figure 19. Maximal Output Power vs. Line Voltage
3.10
Overvoltage Protection
The overvoltage protection will trigger immediately and stop
the gate drive when the current into the FB pin (IOVP) exceeds
105% of the reference current value (Iref). The IC resumes
gate drive switching when the link voltage drops below
VOVP –VOVP(HY).
3.11 Open/short Loop Protection
If the PFC output sense resistor RFB fails (open or short to
GND), the measured output voltage decreases at a slew rate
of about 2V /
μs, which is determined by ADC sampling rate.
The IC stops the gate drive when the measured output voltage
is lower than the measured line voltage. The IC resumes gate
drive switching when the current into the FB pin becomes
larger than or equal to the current into the IAC pin and Vlink is
116.8 ms
=
[Eq.5]
T
Brownout
8ms
8ms
5V
------------ 128 V
V
BP th
()
–
() 56 ms
++
=
8
=
8
5
--- 128
95
–
() 56
++
56 ms
56 ms
Start
Timer
Enter Standby
Exit Standby
Upper
Lower
Brownout
Thresholds
Start Timer
TBrownout
t [ms]
Vlink
[V]
100%
90%
t0
t0 + tovrpwr
Overpower
VAC(rms)
90
265
Po
Po
/ α
L = LB
/ α
L = LB
L < LB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com