Electronic Components Datasheet Search
  English  ▼

X  

MCP4901 Datasheet(PDF) 47 Page - Microchip Technology

Part # MCP4901
Description  8/10/12-Bit Voltage Output Digital-to-Analog Converter with SPI Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4901 Datasheet(HTML) 47 Page - Microchip Technology

Back Button MCP4901 Datasheet HTML 42Page - Microchip Technology MCP4901 Datasheet HTML 43Page - Microchip Technology MCP4901 Datasheet HTML 44Page - Microchip Technology MCP4901 Datasheet HTML 45Page - Microchip Technology MCP4901 Datasheet HTML 46Page - Microchip Technology MCP4901 Datasheet HTML 47Page - Microchip Technology MCP4901 Datasheet HTML 48Page - Microchip Technology MCP4901 Datasheet HTML 49Page - Microchip Technology MCP4901 Datasheet HTML 50Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
 2010 Microchip Technology Inc.
DS22248A-page 47
MCP4901/4911/4921
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device
MCP4901:
8-Bit Voltage Output DAC
MCP4901T: 8-Bit Voltage Output DAC
(Tape and Reel)
MCP4911:
10-Bit Voltage Output DAC
MCP4911T: 10-Bit Voltage Output DAC
(Tape and Reel)
MCP4921:
12-Bit Voltage Output DAC
MCP4921T: 12-Bit Voltage Output DAC
(Tape and Reel)
Temperature Range
E
= -40
C to +125C
(Extended)
Package
MC
=
8-Lead Plastic Dual Flat, No Lead Package -
2x3x0.9 mm Body (DFN)
MS
=
8-Lead Plastic Micro Small Outline (MSOP)
SN
=
8-Lead Plastic Small Outline - Narrow, 150 mil
(SOIC)
P
=
8-Lead Plastic Dual In-Line (PDIP)
Examples:
a)
MCP4901-E/P:
Extended temperature,
PDIP package.
b)
MCP4901-E/SN: Extended temperature,
SOIC package.
c)
MCP4901T-E/SN: Extended temperature,
SOIC package
Tape and Reel.
d)
MCP4901-E/MS: Extended temperature,
MSOP package.
e)
MCP4901T-E/MS: Extended temperature,
MSOP package
Tape and Reel.
f)
MCP4901-E/MC: Extended temperature,
DFN package.
g)
MCP4901T-E/MC:Extended temperature,
DFN package
Tape and Reel.
h)
MCP4911-E/P:
Extended temperature,
PDIP package.
i)
MCP4911-E/SN:
Extended temperature,
SOIC package.
j)
MCP4911T-E/SN:
Extended temperature,
SOIC package
Tape and Reel.
k)
MCP4911-E/MS: Extended temperature,
MSOP package.
l)
MCP4911T-E/MS: Extended temperature,
MSOP package
Tape and Reel.
m)
MCP4911-E/MC: Extended temperature,
DFN package.
n)
MCP4911T-E/MC: Extended temperature,
DFN package
Tape and Reel.
o)
MCP4921-E/P:
Extended temperature,
PDIP package.
p)
MCP4921-E/SL:
Extended temperature,
SOIC package.
q)
MCP4921T-E/SL:
Extended temperature,
SOIC package
Tape and Reel.
r)
MCP4921-E/MS: Extended temperature,
MSOP package.
s)
MCP4921T-E/MS: Extended temperature,
MSOP package
Tape and Reel.
t)
MCP4921-E/MC: Extended temperature,
DFN package.
u)
MCP4921T-E/MC:Extended temperature,
DFN package
Tape and Reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com