Electronic Components Datasheet Search
  English  ▼

X  

PIC10F220E/P Datasheet(PDF) 53 Page - Microchip Technology

Part # PIC10F220E/P
Description  High-Performance Microcontrollers with 8-bit A/D
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F220E/P Datasheet(HTML) 53 Page - Microchip Technology

Back Button PIC10F220E/P Datasheet HTML 49Page - Microchip Technology PIC10F220E/P Datasheet HTML 50Page - Microchip Technology PIC10F220E/P Datasheet HTML 51Page - Microchip Technology PIC10F220E/P Datasheet HTML 52Page - Microchip Technology PIC10F220E/P Datasheet HTML 53Page - Microchip Technology PIC10F220E/P Datasheet HTML 54Page - Microchip Technology PIC10F220E/P Datasheet HTML 55Page - Microchip Technology PIC10F220E/P Datasheet HTML 56Page - Microchip Technology PIC10F220E/P Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 86 page
background image
© 2007 Microchip Technology Inc.
DS41270E-page 51
PIC10F220/222
10.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(†)
Ambient temperature under bias.............................................................................................................-40°C to +125°C
Storage temperature ...............................................................................................................................-65°C to +150°C
Voltage on VDD with respect to VSS ..................................................................................................................0 to +6.5V
Voltage on MCLR with respect to VSS.............................................................................................................0 to +13.5V
Voltage on all other pins with respect to VSS .................................................................................. -0.3V to (VDD + 0.3V)
Total power dissipation(1) .....................................................................................................................................800 mW
Max. current out of VSS pin .....................................................................................................................................80 mA
Max. current into VDD pin ........................................................................................................................................80 mA
Input clamp current, IIK (VI < 0 or VI > VDD)
......................................................................................................................±20 mA
Output clamp current, IOK (VO < 0 or VO > VDD)
..............................................................................................................±20 mA
Max. output current sunk by any I/O pin .................................................................................................................25 mA
Max. output current sourced by any I/O pin ............................................................................................................25 mA
Max. output current sourced by I/O port .................................................................................................................75 mA
Max. output current sunk by I/O port ......................................................................................................................75 mA
Note 1: Power dissipation is calculated as follows: PDIS = VDD x {IDD –
∑ IOH} + ∑ {(VDD – VOH) x IOH} .. + ∑(VOL x
IOL)
†NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above
those indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com