| Electronic Components Datasheet Search |
|
PIC10F222I/P Datasheet(PDF) 62 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC10F222I/P Datasheet(HTML) 62 Page - Microchip Technology |
|
62 / 86 page ![]() PIC10F220/222 DS41270E-page 60 © 2007 Microchip Technology Inc. TABLE 10-5: A/D CONVERTER CHARACTERISTICS TABLE 10-6: A/D CONVERSION REQUIREMENTS Standard Operating Conditions (unless otherwise stated) Operating temperature -40°C ≤ TA ≤ +125°C Param No. Sym Characteristic Min Typ† Max Units Conditions A01 NR Resolution — — 8 bits bit A03 EIL Integral Error — — ±1.5 LSb A04 EDL Differential Error — — -1 < EDL ≤ + 1.5 LSb A05 EFS Full-scale Range 2.0* — 5.5* V A06 EOFF Offset Error — — ±1.5 LSb A07 EGN Gain Error — — ±1.5 LSb A10 — Monotonicity — guaranteed(1) —— VSS ≤ VAIN ≤ VDD A25 VAIN Analog Input Voltage VSS —VDD V A30 ZAIN Recommended Impedence of Analog Voltage Source —— 10 k Ω A31* ΔIAD A/D Conversion Current(2) — 120 150 μA2.0V — 200 250 μA5.0V * These parameters are characterized but not tested. † Data in the “Typ” column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance only are not tested. Note 1: The A/D conversion result never decreases with an increase in the input voltage and has no missing codes. 2: This is the additional current consumed by the A/D module when it is enabled; this current adds to base IDD. Standard Operating Conditions (unless otherwise stated) Operating temperature -40°C ≤ TA ≤ +125°C Param No. Sym Characteristic Min Typ† Max Units Conditions AD131 TCNV Conversion Time (not including Acquisition Time) —13 — TCY Set GO/DONE bit to new data in A/D Result register AD132* TACQ Acquisition Time(1) —3.5 5 — μs μs VDD = 5V VDD = 2.5V * These parameters are characterized but not tested. † Data in ‘Typ’ column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are not tested. Note 1: The Section 7.9 “A/D Acquisition Requirements” for information on how to compute minimum acquisition times based on operating conditions. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |