Electronic Components Datasheet Search
  English  ▼

X  

BZA862AL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BZA862AL
Description  Quadruple ESD transient voltage suppressor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZA862AL Datasheet(HTML) 2 Page - NXP Semiconductors

  BZA862AL Datasheet HTML 1Page - NXP Semiconductors BZA862AL Datasheet HTML 2Page - NXP Semiconductors BZA862AL Datasheet HTML 3Page - NXP Semiconductors BZA862AL Datasheet HTML 4Page - NXP Semiconductors BZA862AL Datasheet HTML 5Page - NXP Semiconductors BZA862AL Datasheet HTML 6Page - NXP Semiconductors BZA862AL Datasheet HTML 7Page - NXP Semiconductors BZA862AL Datasheet HTML 8Page - NXP Semiconductors BZA862AL Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2002 Jan 11
2
NXP Semiconductors
Product data sheet
Quadruple ESD transient voltage
suppressor
BZA800AL series
FEATURES
• ESD rating >8 kV contact discharge, according to
IEC1000-4-2
• SOT353 (SC-88A) surface mount package
• Common anode configuration.
APPLICATIONS
• Computers and peripherals
• Audio and video equipment
• Communication systems.
DESCRIPTION
Monolithic transient voltage suppressor diode in a five lead
SOT353 (SC-88A) package for 4-bit wide ESD transient
suppression.
MARKING
PINNING
TYPE NUMBER
MARKING CODE
BZA856AL
M1
BZA862AL
M2
BZA868AL
M3
PIN
DESCRIPTION
1
cathode 1
2
common anode
3
cathode 2
4
cathode 3
5
cathode 4
handbook, halfpage
MGT580
1
5
4
3
2
3
1
4
5
2
Fig.1 Simplified outline (SOT353) and symbol.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1.
DC working current limited by Ptot(max).
2.
Device mounted on standard printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per diode
IZ
working current
Tamb = 25 °C
−
note 1
mA
IF
continuous forward current
Tamb = 25 °C
−
200
mA
IFSM
non-repetitive peak forward current tp = 1 ms; square pulse
−
4
A
Ptot
total power dissipation
Tamb = 25 °C; note 2; see Fig.5
−
300
mW
PZSM
non repetitive peak reverse power
dissipation:
square pulse; tp = 1 ms; see Fig.3
BZA856AL
−
16
W
BZA862AL
−
15
W
BZA868AL
−
14
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com