Electronic Components Datasheet Search
  English  ▼

X  

GTL2002DC Datasheet(PDF) 12 Page - NXP Semiconductors

Part # GTL2002DC
Description  2-bit bidirectional low voltage translator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GTL2002DC Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button GTL2002DC Datasheet HTML 8Page - NXP Semiconductors GTL2002DC Datasheet HTML 9Page - NXP Semiconductors GTL2002DC Datasheet HTML 10Page - NXP Semiconductors GTL2002DC Datasheet HTML 11Page - NXP Semiconductors GTL2002DC Datasheet HTML 12Page - NXP Semiconductors GTL2002DC Datasheet HTML 13Page - NXP Semiconductors GTL2002DC Datasheet HTML 14Page - NXP Semiconductors GTL2002DC Datasheet HTML 15Page - NXP Semiconductors GTL2002DC Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
GTL2002_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 2 July 2009
12 of 22
NXP Semiconductors
GTL2002
2-bit bidirectional low voltage translator
13. Test information
Fig 11. Load circuit for translator-type applications
Test data are given in Table 12.
CL = load capacitance; includes jig and probe capacitance.
RL = load resistance.
Fig 12. Load circuit for CBT-type application
Table 12.
Test data
Test
Load
Switch
CL
RL
tPD
50 pF
500
Ω
open
GREF
SREF
DREF
S1
D1
002aac790
S2
D2
DUT
VDD1
VDD2
VDD2
200 k
Ω
150 k
Ω
150 k
Ω
VDD2
150 k
Ω
Vref
pulse
generator
test jig
CL
50 pF
002aab667
RL
500
Ω
from output under test
7 V
open
GND
S1
RL
500
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com