Electronic Components Datasheet Search
  English  ▼

X  

AC-TSERIES Datasheet(PDF) 3 Page - EPCOS

Part # AC-TSERIES
Description  Pressure transmitters for PCB mounting (voltage output)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

AC-TSERIES Datasheet(HTML) 3 Page - EPCOS

  AC-TSERIES Datasheet HTML 1Page - EPCOS AC-TSERIES Datasheet HTML 2Page - EPCOS AC-TSERIES Datasheet HTML 3Page - EPCOS AC-TSERIES Datasheet HTML 4Page - EPCOS AC-TSERIES Datasheet HTML 5Page - EPCOS AC-TSERIES Datasheet HTML 6Page - EPCOS AC-TSERIES Datasheet HTML 7Page - EPCOS AC-TSERIES Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Pressure sensors
Pressure transmitters for PCB mounting (voltage output)
AC-T series
AS SEN PD
2009-08-03
Please read
Cautions and warnings and
Page 3 of 8
Important notes at the end of this document.
Technical data
Absolute maximum ratings
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Temperature ranges
Storage temperature range
Tst
1)
–40
+105
°C
Operating temperature range
Ta
2)
–25
+85
°C
Compensated temperature range
Tc
3)
0
+70
°C
Soldering temperature
Tsolder
<5 s (no reflow soldering)
+240
°C
Pressure ranges
Overpressure
pov
4), 5)
1.5
pr
Supply voltage /-current
Supply voltage
VCC
6)
4.75
5.5
V
Supply current
ICC
IA = 0
7
mA
Signal output current
IA
7)
2
mA
Output signal at sensor failure
VERR
0.01
V
DC break down voltage
Vis
Types KD, KC only
8)
500
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output signal @ Ta = 25°C, VCC = 5 V, IA < 0.1 mA
Offset
VA0
Simple output ACA, ACR
9)
0.485
0.5
0.515
V
Symmetrical output ACS
9)
2.485
2.5
2.515
V
Signal span (Full Scale)
VFS
10)
3.985
4.0
4.015
V
Nonlinearity
L
Simple output
10), 11)
±0.1
±0.25
% FS
Symmetrical output
10), 11)
±0.25
±0.5
% FS
Response time
t10-90
12)
1
ms
Supply voltage rejection
SVR
10), 13)
±0.01
% FS/V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Data in temperature range @ Ta = –25 ... 85 °C, VCC = 5 V, IA < 0.1 mA
Temperature hysteresis
14)
±0.1
±0.5
% FS
Data in temperature range @ Ta = 0 ... 70 °C, VCC = 5 V, IA < 0.1 mA
Temperature coefficient of offset
TCVA0
pr < 0.25 bar
15)
±0.015
±0.05
% FS/K
pr ≥ 0.25 bar
15)
±0.015
±0.03
% FS/K
Temperature coefficient of span
TCVFS
16)
±0.015
±0.03
% FS/K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com