Electronic Components Datasheet Search
  English  ▼

X  

B82801B Datasheet(PDF) 3 Page - EPCOS

Part # B82801B
Description  SMT current sense transformers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82801B Datasheet(HTML) 3 Page - EPCOS

  B82801B Datasheet HTML 1Page - EPCOS B82801B Datasheet HTML 2Page - EPCOS B82801B Datasheet HTML 3Page - EPCOS B82801B Datasheet HTML 4Page - EPCOS B82801B Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
09/09
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Characteristics and ordering codes
Frequency range
50 kHz ... 1 MHz
Inductance L (1-3)
100 kHz, 1.0 V, 25 °C
DC resistance Rmax
Measured at 25 °C
Sensed current
The max. primary current of 20 A cause approx. 40 °C
temperature rise
Test voltage Vtest
50 Hz, 1 s
Operating temperature range
40 °C … +125 °C
Weight
Approx. 0.35 g
Lmin
H
Turns ratio
Np : Ns
DC resistance
Rmax (m)
Sensed
current
A
Vtest
V AC
Ordering code
primary
secondary
80
1 : 20
0.8
400
20
500
B82801B0803A020
180
1 : 30
0.8
870
20
500
B82801B0184A030
320
1 : 40
0.8
1140
20
500
B82801B0324A040
500
1 : 50
0.8
1500
20
500
B82801B0504A050
720
1 : 60
0.8
1980
20
500
B82801B0724A060
980
1 : 70
0.8
4750
20
500
B82801B0984A070
2000
1 : 100
0.8
5500
20
500
B82801B0205A100
3000
1 : 125
0.8
6500
20
500
B82801B0305A125
B82801B
SMT current sense transformers
E 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com