Electronic Components Datasheet Search
  English  ▼

X  

IP4282CZ6 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # IP4282CZ6
Description  ESD protection for high-speed interfaces
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4282CZ6 Datasheet(HTML) 2 Page - NXP Semiconductors

  IP4282CZ6 Datasheet HTML 1Page - NXP Semiconductors IP4282CZ6 Datasheet HTML 2Page - NXP Semiconductors IP4282CZ6 Datasheet HTML 3Page - NXP Semiconductors IP4282CZ6 Datasheet HTML 4Page - NXP Semiconductors IP4282CZ6 Datasheet HTML 5Page - NXP Semiconductors IP4282CZ6 Datasheet HTML 6Page - NXP Semiconductors IP4282CZ6 Datasheet HTML 7Page - NXP Semiconductors IP4282CZ6 Datasheet HTML 8Page - NXP Semiconductors IP4282CZ6 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IP4282CZ6_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 30 March 2009
2 of 9
NXP Semiconductors
IP4282CZ6
ESD protection for high-speed interfaces
2.
Pinning information
3.
Ordering information
4.
Limiting values
5.
Characteristics
Table 1.
Pinning
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
TMDS_CH1
−
negative channel 1 ESD protection
2
TMDS_CH1+
positive channel 1 ESD protection
3
GND
ground
4
GND
ground
5
n.c.
not connected
6
n.c.
not connected
bottom view
3
2
1
4
5
6
2
3, 4
001aaj776
1
Table 2.
Ordering information
Type number
Package
Name
Description
Version
IP4282CZ6
XSON6
plastic extremely thin small outline package; no leads; 6 terminals;
body 1
× 1.45 × 0.5 mm
SOT886
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VI
input voltage
GND
− 0.5 +5.5
V
Vesd
electrostatic discharge voltage
all pins to ground; IEC 61000-4-2,
level 4; contact discharge
−8+8
kV
Tstg
storage temperature
−55
+125
°C
Tamb
ambient temperature
−40
+85
°C
Table 4.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBRzd
Zener diode breakdown voltage
I = 1 mA
6
-
9
V
ILRzd
Zener diode reverse leakage current
per TMDS channel; V = 3.0 V
-
-
1
µA
VF
forward voltage
-
0.7
-
V
Cch(TMDS)
TMDS channel capacitance
f = 1 MHz; Vbias = 2.5 V
[1] -
0.7
-
pF
∆Cch(TMDS)
TMDS channel capacitance difference f = 1 MHz; Vbias = 2.5 V
[1] -
0.05
-
pF
Cch(mutual)
mutual channel capacitance
between signal pin and pin n.c.;
f = 1 MHz; Vbias = 2.5 V
[1] -
0.07
-
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com