Electronic Components Datasheet Search
  English  ▼

X  

IP4337CX18 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # IP4337CX18
Description  7-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4337CX18 Datasheet(HTML) 4 Page - NXP Semiconductors

  IP4337CX18 Datasheet HTML 1Page - NXP Semiconductors IP4337CX18 Datasheet HTML 2Page - NXP Semiconductors IP4337CX18 Datasheet HTML 3Page - NXP Semiconductors IP4337CX18 Datasheet HTML 4Page - NXP Semiconductors IP4337CX18 Datasheet HTML 5Page - NXP Semiconductors IP4337CX18 Datasheet HTML 6Page - NXP Semiconductors IP4337CX18 Datasheet HTML 7Page - NXP Semiconductors IP4337CX18 Datasheet HTML 8Page - NXP Semiconductors IP4337CX18 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
IP4337CX18LF_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 20 August 2009
4 of 12
NXP Semiconductors
IP4337CX18/LF
7-channel integrated filter network with ESD input protection
6.
Characteristics
[1]
Guaranteed by design.
Table 4.
Channel characteristics
Tamb =25 °C; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Rs(ch)
channel series resistance f=0Hz (DC)
52.5
70
87.5
Ω
Cch
channel capacitance
Vbias(DC) = 0 V; f = 1 MHz [1] -
2530pF
VBR
breakdown voltage
Itest =1mA
6
-
20
V
ILR
reverse leakage current
per channel; VI = 3.0 V
-
-
20
nA
Table 5.
Frequency characteristics
Tamb =25 °C; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
αil
insertion loss
800 MHz<f<3 GHz;
Rgen =50 Ω; RL =50 Ω
-20
-
dB
αct
crosstalk attenuation
800 MHz<f<3 GHz;
Rgen =50 Ω; RL =50 Ω
-25
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com